Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2961 Datasheet(PDF) 7 Page - Semtech Corporation

Part # GS2961
Description  HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2961 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button GS2961 Datasheet HTML 3Page - Semtech Corporation GS2961 Datasheet HTML 4Page - Semtech Corporation GS2961 Datasheet HTML 5Page - Semtech Corporation GS2961 Datasheet HTML 6Page - Semtech Corporation GS2961 Datasheet HTML 7Page - Semtech Corporation GS2961 Datasheet HTML 8Page - Semtech Corporation GS2961 Datasheet HTML 9Page - Semtech Corporation GS2961 Datasheet HTML 10Page - Semtech Corporation GS2961 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 104 page
background image
GS2961 3Gb/s, HD, SD SDI Receiver, with Integrated
Adaptive Cable Equalizer
Data Sheet
48004 - 2
November 2009
7 of 104
Figure 4-34: GSPI Application Interface Connection ........................................................................ 78
Figure 4-35: Command Word Format ..................................................................................................... 78
Figure 4-36: Data Word Format ................................................................................................................ 79
Figure 4-37: Write Mode .............................................................................................................................. 80
Figure 4-38: Read Mode ............................................................................................................................... 80
Figure 4-39: GSPI Time Delay .................................................................................................................... 80
Figure 4-40: In-Circuit JTAG ...................................................................................................................... 95
Figure 4-41: System JTAG ........................................................................................................................... 96
Figure 4-42: Reset Pulse ............................................................................................................................... 97
Figure 7-1: Pb-free Solder Reflow Profile ............................................................................................103
List of Tables
Table 1-1: Pin Descriptions ............................................................................................................................ 8
Table 2-1: Absolute Maximum Ratings................................................................................................... 15
Table 2-2: Recommended Operating Conditions................................................................................ 15
Table 2-3: DC Electrical Characteristics ................................................................................................. 16
Table 2-4: AC Electrical Characteristics ................................................................................................. 18
Table 4-1: Serial Digital Output................................................................................................................. 30
Table 4-2: PLL Loop Bandwidth ................................................................................................................ 31
Table 4-3: Input Clock Requirements...................................................................................................... 32
Table 4-4: Lock Detect Conditions............................................................................................................ 33
Table 4-5: GS2961 Output Video Data Format Selections................................................................ 37
Table 4-6: GS2961 PCLK Output Rates ................................................................................................... 39
Table 4-7: Switch Line Position for Digital Systems ........................................................................... 44
Table 4-8: Output Signals Available on Programmable Multi-Function Pins............................ 46
Table 4-9: Supported CEA-861 Formats................................................................................................. 49
Table 4-10: CEA861 Timing Formats....................................................................................................... 50
Table 4-11: Supported Video Standard Codes ..................................................................................... 57
Table 4-12: Data Format Register Codes ................................................................................................ 60
Table 4-13: Error Status Register and Error Mask Register .............................................................. 62
Table 4-14: SMPTE 352M Packet Data .................................................................................................... 68
Table 4-15: IOPROC_DISABLE Register Bits......................................................................................... 70
Table 4-16: GSPI Time Delay...................................................................................................................... 80
Table 4-17: GSPI Timing Parameters (50% levels; 3.3V or 1.8V operation) ................................ 81
Table 4-18: Configuration and Status Registers................................................................................... 82
Table 4-19: ANC Extraction FIFO Access Registers............................................................................ 94
Table 7-1: Packaging Data......................................................................................................................... 102


Similar Part No. - GS2961

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
GS2961-IBE3 GENNUM-GS2961-IBE3 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
GS2961A GENNUM-GS2961A Datasheet
7Mb / 104P
   Ancillary data extraction
logo
Semtech Corporation
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
More results

Similar Description - GS2961

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS3471 SEMTECH-GS3471 Datasheet
5Mb / 179P
   3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2971A SEMTECH-GS2971A Datasheet
4Mb / 152P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
GS1661 SEMTECH-GS1661 Datasheet
6Mb / 84P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Texas Instruments
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com