Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2961A Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS2961A
Description  HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2961A Datasheet(HTML) 1 Page - Semtech Corporation

  GS2961A Datasheet HTML 1Page - Semtech Corporation GS2961A Datasheet HTML 2Page - Semtech Corporation GS2961A Datasheet HTML 3Page - Semtech Corporation GS2961A Datasheet HTML 4Page - Semtech Corporation GS2961A Datasheet HTML 5Page - Semtech Corporation GS2961A Datasheet HTML 6Page - Semtech Corporation GS2961A Datasheet HTML 7Page - Semtech Corporation GS2961A Datasheet HTML 8Page - Semtech Corporation GS2961A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 104 page
background image
1 of 104
GS2961A 3Gb/s, HD, SD SDI Integrated Receiver
Data Sheet
54385 - 2
September 2012
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete
with SMPTE Video Processing
GS2961A
www.semtech.com
Key Features
• Operation at 2.97Gb/s, 2.97/1.001Gb/s, 1.485Gb/s,
1.485/1.001Gb/s and 270Mb/s
• Supports SMPTE 425M (Level A and Level B), SMPTE
424M, SMPTE 292M, SMPTE 259M-C and DVB-ASI
• Integrated adaptive cable equalizer
• Typical equalized length of Belden 1694A cable:
150m at 2.97Gb/s
250m at 1.485Gb/s
480m at 270Mb/s
• Integrated Reclocker with low phase noise, integrated
VCO
• Serial digital reclocked, or non-reclocked output
• Ancillary data extraction
• Optional conversion from SMPTE 425M Level B to
Level A for 1080p 50/60 4:2:2 10-bit
• Parallel data bus selectable as either 20-bit or 10-bit
• Comprehensive error detection and correction
features
• Output H, V, F or CEA 861 Timing Signals
• 1.2V digital core power supply, 1.2V and 3.3V analog
power supplies, and selectable 1.8V or 3.3V I/O power
supply
• GSPI Host Interface
• Wide temperature range of -40ºC to +85ºC
• Low power operation (typically 515mW)
• Small 11mm x 11mm 100-ball BGA package
• Pb-free and ROHS compliant
Applications
Description
The GS2961A is a multi-rate SDI integrated Receiver which
includes complete SMPTE processing, as per SMPTE 425M,
292M and SMPTE 259M-C. The SMPTE processing features
can be bypassed to support signals with other coding
schemes.
The GS2961A integrates Gennum's adaptive cable
equalizer technology, achieving unprecedented cable
lengths and jitter tolerance. It features DC restoration to
compensate for the DC content of SMPTE pathological
signals.
The device features an Integrated Reclocker with an
internal VCO and a wide Input Jitter Tolerance (IJT) of
0.7UI.
HD-SDI
Application: Single Link (3G-SDI)
to Dual Link (HD-SDI) Converter
GS2962
Link A
Link B
HV F/PCLK
10-bit
3G-SDI
GS2961A
GS2962
10-bit
HV F/PCLK
HD-SDI
Application: Dual Link (HD-SDI)
to Single Link (3G-SDI) Converter
HD-SDI
Deserializer
GS2961A
Link A
FIFO
WR
Deserializer
Link B
FIFO
WR
GS2962
GS4910
10-bit
3G-SDI
HV F
XTAL
HV F/PCLK
HV F/PCLK
HV F/PCLK
GS2961A
10-bit
10-bit
10-bit
HD-SDI
HD-SDI
HD-SDI


Similar Part No. - GS2961A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2961A GENNUM-GS2961A Datasheet
7Mb / 104P
   Ancillary data extraction
More results

Similar Description - GS2961A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS3471 SEMTECH-GS3471 Datasheet
5Mb / 179P
   3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2971A SEMTECH-GS2971A Datasheet
4Mb / 152P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
GS1661 SEMTECH-GS1661 Datasheet
6Mb / 84P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Texas Instruments
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com