Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2965 Datasheet(PDF) 7 Page - Semtech Corporation

Part # GS2965
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2965 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button GS2965 Datasheet HTML 3Page - Semtech Corporation GS2965 Datasheet HTML 4Page - Semtech Corporation GS2965 Datasheet HTML 5Page - Semtech Corporation GS2965 Datasheet HTML 6Page - Semtech Corporation GS2965 Datasheet HTML 7Page - Semtech Corporation GS2965 Datasheet HTML 8Page - Semtech Corporation GS2965 Datasheet HTML 9Page - Semtech Corporation GS2965 Datasheet HTML 10Page - Semtech Corporation GS2965 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
GS2965 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52462 - 4
July 2012
7 of 41
Proprietary & Confidential
27
CS/EQ1_EN
Input/Logic
Input
In host mode (HIF set LOW):
Chip select input for SPI serial host interface. Active-low input.
In non-host mode (HIF set HIGH):
Trace equalization on/off pin for Serial Digital Differential Input 1.
Active-high input.
28
SCK/DE1_EN
Input/Logic
Input
In host mode (HIF set LOW):
Burst-mode clock input for SPI serial host interface.
In non-host mode (HIF set HIGH):
De-emphasis on/off pin for Serial Digital Differential Output 1. Active-high
input.
29
SDO/DE0_EN
Input/Logic
Input
In host mode (HIF set LOW):
Serial digital data output for SPI serial host interface. Active-high output.
In non-host mode (HIF set HIGH):
De-emphasis on/off pin for Serial Digital Differential Output 0. Active-high
input.
30
SDI/EQ0_EN
Input/Logic
Input
In host mode (HIF set LOW):
Serial digital data input for SPI serial host interface. Active-high input.
In non-host mode (HIF set HIGH):
Trace equalization on/off pin for Serial Digital Differential Input 0.
Active-high input.
31
VEE_CP
Power
Most negative power supply connection for the internal
charge pump. Connect to GND.
32
VCC_CPPower
Most positive power supply connection for the internal charge pump.
Connect to 3.3V or 2.5V
Center Pad
Ground pad on bottom of package. Connect to GND.
Table 1-1: GS2965 Pin Descriptions (Continued)
Pin Number
Name
Type
Description


Similar Part No. - GS2965

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2965 GENNUM-GS2965 Datasheet
3Mb / 41P
   Uses standard 27MHz crystal
More results

Similar Description - GS2965

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2986 SEMTECH-GS2986 Datasheet
3Mb / 41P
   Multi-Rate SDI Reclocker with Equalization & De-emphasis
GS2985 SEMTECH-GS2985 Datasheet
3Mb / 45P
   Multi-Rate SDI Reclocker with Equalization & De-emphasis
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
logo
Semtech Corporation
GS6150 SEMTECH-GS6150 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com