Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS12070 Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS12070
Description  UHD-SDI Gearbox
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12070 Datasheet(HTML) 1 Page - Semtech Corporation

  GS12070 Datasheet HTML 1Page - Semtech Corporation GS12070 Datasheet HTML 2Page - Semtech Corporation GS12070 Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
Proprietary & Confidential
GS12070
Product Brief
Rev.0
PDS-060480
June 2014
Gennum Products
GS12070
UHD-SDI Gearbox
www.semtech.com
Key Features
Converts between 1.5G, 3G, 6G and 12G SDI
Quad Link 3G-SDI
12Gb/s
Dual Link 6Gb/s
12Gb/s
Dual Link (2 x 3Gb/s) ST 425-3
6Gb/s
Quad Link (4 x 3Gb/s) ST 425-5/-6
Dual Link
6Gb/s
Quad Link HD-SDI (4 x 1.5Gb/s)
6Gb/s
Serial Bypass modes for all support rates
4 Serial Differential Inputs
100Ω differential inputs support DC-coupling to
1.2V CML Logic
Input trace equalization for up to 6" FR4 at 12Gb/s
4 Serial Differential Outputs
100Ω differential outputs support DC-coupling to
1.2V CML Logic
Output de-emphasis to compensate for up to 6"
FR4 at 12Gb/s
Reference Clock/Crystal Input —148.5MHz/27MHz
GSPI serial control and monitoring interface
Selectable 1.8V and 2.5V digital control I/O
Automatic SMPTE ST 352 packet creation
14mm x 14mm 256-Ball BGA (0.8mm pitch)
Pb-free and RoHS-compliant package
Applications
UHDTV1 and 4K D-Cinema end-equipment: Cameras,
Monitors, Switchers
Description
The GS12070 is an UHD-SDI Gearbox which performs the
multiplexing and de-multiplexing necessary to facilitate
conversions between the ST 425-3 and ST 425-5 multi-link
3Gb/s UHD-SDI Interface and the SMPTE ST 2081 (6Gb/s)
and ST 2082 (12Gb/s) Interfaces. A conversion between
4 x 1.5Gb/s and 6Gb/s is also supported.
GS12070 Supported Conversions of SMPTE Standard
Interfaces
The GS12070 features four high-speed differential signal
inputs and four high-speed differential serial outputs
which can be interfaced to 1.2V CML I/O. The high-speed
inputs and outputs include programmable trace
equalization and de-emphasis drivers to compensate for
high-frequency losses associated with board-level
interconnect.
The high-speed serial inputs and outputs support 270Mb/s,
1.5G, 3G, 6G and 12G nominal data rates. The supported
conversions are performed by manually selecting the input
and output rates. Unused output ports at 6G and 12G may
be configured to output a copy of the primary converted
output. A serial bypass mode is also available as a manually
selectable option.
4x3G
↔ 12G
4x3G
↔ 2x6G
2x6G
↔ 12G
ST 2081-11
Dual-link 6G
ST 2082-10
Single-link 12G
3840 x 2160
p60
4:2:2 10-bit
ST 425-5
Quad-link 3G


Similar Part No. - GS12070

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS120 STMICROELECTRONICS-GS120 Datasheet
136Kb / 10P
   120W/175W DC-DC CONVERTERS FAMILY
logo
Mean Well Enterprises C...
GS120 MEANWELL-GS120 Datasheet
138Kb / 2P
   120WAC-DC Single Output Desktop
GS120 MEANWELL-GS120 Datasheet
166Kb / 2P
   120WAC-DC Single Output Desktop
logo
Semtech Corporation
GS12081 SEMTECH-GS12081 Datasheet
2Mb / 64P
   12G UHD-SDI Cable Driver
GS12081-INE3 SEMTECH-GS12081-INE3 Datasheet
2Mb / 64P
   12G UHD-SDI Cable Driver
More results

Similar Description - GS12070

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS6151 SEMTECH-GS6151 Datasheet
2Mb / 77P
   Multi-Rate 6G UHD-SDI
GS6152 SEMTECH-GS6152 Datasheet
2Mb / 80P
   Multi-Rate 6G UHD-SDI
GS12081 SEMTECH-GS12081 Datasheet
2Mb / 64P
   12G UHD-SDI Cable Driver
GS6140 SEMTECH-GS6140 Datasheet
244Kb / 3P
   Multi-Rate 6G UHD-SDI Equalizer
GS12181 SEMTECH-GS12181 Datasheet
2Mb / 68P
   12G UHD-SDI Retiming Cable Driver
GS12281 SEMTECH-GS12281 Datasheet
3Mb / 97P
   12G UHD-SDI Re-timing Cable Driver
logo
Texas Instruments
LMH1208 TI1-LMH1208 Datasheet
730Kb / 10P
[Old version datasheet]   12G UHD-SDI Dual Output Cable Driver
logo
Semtech Corporation
GS12141 SEMTECH-GS12141 Datasheet
2Mb / 65P
   12G UHD-SDI Retiming Adaptive Cable Equalizer
GS6150 SEMTECH-GS6150 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS12341 SEMTECH-GS12341 Datasheet
4Mb / 109P
   12G UHD-SDI Reclocking Adaptive Cable Equalizer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com