Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS13102 Datasheet(PDF) 3 Page - Semtech Corporation

Part # TS13102
Description  Solid State Relay
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS13102 Datasheet(HTML) 3 Page - Semtech Corporation

  TS13102 Datasheet HTML 1Page - Semtech Corporation TS13102 Datasheet HTML 2Page - Semtech Corporation TS13102 Datasheet HTML 3Page - Semtech Corporation TS13102 Datasheet HTML 4Page - Semtech Corporation TS13102 Datasheet HTML 5Page - Semtech Corporation TS13102 Datasheet HTML 6Page - Semtech Corporation TS13102 Datasheet HTML 7Page - Semtech Corporation TS13102 Datasheet HTML 8Page - Semtech Corporation TS13102 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TS13102
Final Datasheet Rev 2.3
28 July 2016
3 of 16
Semtech
Proprietary & Confidential
Absolute Maximum Ratings
Over operating free–air temperature range unless otherwise noted(1, 4)
Parameter
Range
Unit
SW1, SW2(2)
-1 to 60
V
SYSP (3)
-1 to 60
V
CLK , DATA, VDD, AD2, AD1, AD0, WD(3)
-0.3 to 5.5
V
VGG(2)
-0.3 to 5.5
V
SUB(2)
-55 to 0.3
V
Maximum Junction Temperature, TJ MAX
150
°
C
Storage Temperature Range, TSTG
-65 to 150
°
C
Electrostatic Discharge – Human Body Model
±2k
V
Electrostatic Discharge – Charged Device Model
±1.5k
V
Lead Temperature (soldering, 10 seconds)
260
°
C
Notes:
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.
Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
Voltage values are with respect to SRC terminal.
(3)
Voltage values are with respect to SYSM terminal.
(4)
ESD testing is performed according to the respective JESD22 JEDEC standard.
Thermal Characteristics
Symbol
Parameter
Value
Unit
θJA
Thermal Resistance Junction to Air (1)
50
°C/W
TJ
Operating Junction Temperature Range
-40 to 125
°C
Notes:
(1)
Assumes 16 LD 3x3 QFN with hi-K JEDEC board and 13.5 inch2 of 1 oz Cu and 4 thermal vias connected to PAD


Similar Part No. - TS13102

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TS13101 SEMTECH-TS13101 Datasheet
555Kb / 10P
   Galvanic Isolated Latching 60V Power Load Switch
TS13101-QFNR SEMTECH-TS13101-QFNR Datasheet
555Kb / 10P
   Galvanic Isolated Latching 60V Power Load Switch
TS13101M SEMTECH-TS13101M Datasheet
272Kb / 12P
   Galvanic Isolated Latching 60V Solid State Relay
TS13101M-QFNR SEMTECH-TS13101M-QFNR Datasheet
272Kb / 12P
   Galvanic Isolated Latching 60V Solid State Relay
TS13103 SEMTECH-TS13103 Datasheet
714Kb / 16P
   Solid State Relay with Diagnostics
More results

Similar Description - TS13102

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com