Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG01A Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # AG01A
Description  HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

AG01A Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  AG01A Datasheet HTML 1Page - Diode Semiconductor Korea AG01A Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AMBIENT TEMPERATURE,
FIG.5--TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
GAG01Y---GAG01A
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.4 -- PEAK FORWARD SURGE CURRENT
Z
SETTIMEBASEFOR10/20 ns/cm
NOTES:1.RISE TIME = 7ns MAX.INPUTIMPEDANCE =1M . 22pF.
JJJJ 2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- FORWARD DERATING CURVE
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE1)
(+)
25VDC
(approx)
(-)
trr
-1.0A
-0.25A
0
+0.5A
1cm
0
2 5
5 0
7 5
100
125
150
0
0 .3
0 .6
0 .9
1 .2
1 .5
AG01Y
AG01Z,AG01
AG01A
Single Phase
H alf W ave 60H z
R esistive or
Inductive Load
0.4
0.8
0.001
0.01
0.1
1
10
1.2
2.0
2.4
2.8
20
1.6
TJ=25
Pulse Width=300ns
AG01Y
AG01Z-AG01
AG01A
1
5
10
50
0
5
10
15
20
25
30
AG01Y
AG01Z--AG01A
TJ=25
8.3ms Single Half
Sine-Wave
0.1
1
2
     TJ=25
0.2
0.412
100
410
40
20
10
4
20
40
60
200
100
AG01Y-AG01
AG01A
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - AG01A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AG01A SANKEN-AG01A Datasheet
24Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
List of Unclassifed Man...
AG01A ETC1-AG01A Datasheet
95Kb / 3P
   Ultra-Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
AG01A BILIN-AG01A Datasheet
64Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Taychipst Elec...
AG01A TAYCHIPST-AG01A Datasheet
917Kb / 1P
   Fast-Recovery Rectifier Diodes
More results

Similar Description - AG01A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com