Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH372-P-B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH372-P-B
Description  INTERNAL PULL-UP HALL EFFECT LATCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH372-P-B Datasheet(HTML) 1 Page - Diodes Incorporated

  AH372-P-B Datasheet HTML 1Page - Diodes Incorporated AH372-P-B Datasheet HTML 2Page - Diodes Incorporated AH372-P-B Datasheet HTML 3Page - Diodes Incorporated AH372-P-B Datasheet HTML 4Page - Diodes Incorporated AH372-P-B Datasheet HTML 5Page - Diodes Incorporated AH372-P-B Datasheet HTML 6Page - Diodes Incorporated AH372-P-B Datasheet HTML 7Page - Diodes Incorporated AH372-P-B Datasheet HTML 8Page - Diodes Incorporated AH372-P-B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AH372
Document number: DS38853 Rev. 1 - 2
1 of 12
www.diodes.com
August 2016
© Diodes Incorporated
AH372
INTERNAL PULL-UP HALL EFFECT LATCH
Description
AH372 is a single-digital-output Hall-Effect latch sensor with internal
pull-up resistor for high temperature operation. The device includes
an on-chip Hall voltage generator for magnetic sensing, an amplifier
to amplify Hall voltage, and a comparator to provide switching
hysteresis for noise rejection, and an output driver with a pull-up
resistor. An internal band-gap regulator provides a temperature
compensated supply voltage for internal circuits and allows a wide
operating supply range.
When the magnetic flux density (B) perpendicular to the package is
larger than operation point (BOP), output is switched on (OUT pin is
pulled low). The output state is held on until a magnetic flux density
reversal falls below BRP. When B is less than BRP, the output is
switched off.
The AH372 is available in SIP-3 (Ammo Pack), SIP-3 (Bulk Pack),
SC59 and SOT23 packages.
Features
Bipolar Hall Effect Latch Operation
2.2V to 20V Operating Range
Single Output with Built-in Pull-up Resistor
25mA output Sink Capability
-40°C to +125°C Operating Temperature
Industry Standard SIP-3 (Ammo Pack), SIP-3 (Bulk Pack), SC59
and SOT23 Packages
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
1. VDD
GND 2.
3. OUT
SC59 and SOT23
(Front View)
1. VDD
2. GND
3. OUT
SIP-3 (Bulk Pack)
Applications
Rotor Position Sensing for Motor Commutation
Encoder
Speed Measurement
– RPM Monitor
Contact-Less Current Switch
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Application Circuits
M
Driver
&
Control Logic
Ia
Ib
Ic
IA
IC
IB
HB
HA
HC
M: Three Phase Hall Motor
Digital Hall Effect Sensor
Hall Motor Driver
RPM sensing
3 Phase Hall Motor


Similar Part No. - AH372-P-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3712 DIODES-AH3712 Datasheet
1Mb / 16P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
January 2023 Rev. 2 - 2
AH3712-P-B DIODES-AH3712-P-B Datasheet
1Mb / 16P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
January 2023 Rev. 2 - 2
AH3712-SA-7 DIODES-AH3712-SA-7 Datasheet
1Mb / 16P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
January 2023 Rev. 2 - 2
AH3712-W-7 DIODES-AH3712-W-7 Datasheet
1Mb / 16P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
January 2023 Rev. 2 - 2
AH3712A-P-B DIODES-AH3712A-P-B Datasheet
1Mb / 16P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
January 2023 Rev. 2 - 2
More results

Similar Description - AH372-P-B

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH373 ANACHIP-AH373 Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
AH172 ANACHIP-AH172 Datasheet
179Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373 ANACHIP-AH373_1 Datasheet
183Kb / 6P
   Internal Pull-up Hall Effect Latch
logo
Diodes Incorporated
AH373 DIODES-AH373 Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH173 DIODES-AH173_10 Datasheet
162Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
   Internal Pull-up Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH173 DIODES-AH173 Datasheet
123Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
logo
Taiwan Semiconductor Co...
TSH193 TSC-TSH193 Datasheet
437Kb / 8P
   Pull-up Resistor Integrated Hall Effect Latch
logo
Diodes Incorporated
AH3781 DIODES-AH3781 Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3782 DIODES-AH3782 Datasheet
519Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com