Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH3372-P-B Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AH3372-P-B
Description  HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3372-P-B Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AH3372-P-B Datasheet HTML 4Page - Diodes Incorporated AH3372-P-B Datasheet HTML 5Page - Diodes Incorporated AH3372-P-B Datasheet HTML 6Page - Diodes Incorporated AH3372-P-B Datasheet HTML 7Page - Diodes Incorporated AH3372-P-B Datasheet HTML 8Page - Diodes Incorporated AH3372-P-B Datasheet HTML 9Page - Diodes Incorporated AH3372-P-B Datasheet HTML 10Page - Diodes Incorporated AH3372-P-B Datasheet HTML 11Page - Diodes Incorporated AH3372-P-B Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AH3372
Document number: DS38874 Rev. 1 - 2
8 of 15
www.diodes.com
July 2016
© Diodes Incorporated
AH3372
Thermal Performance Characteristics
(1)
Package type: SC59 and SOT23
TA (°C)
25
50
60
70
80
85
90
100
105
110
120
125
130
140
150
PD (mW)
230
184
166
147
129
120
110
92
83
74
55
46
37
18
0
(2)
Package type: SIP-3 (Ammo Pack), SIP-3 (Bulk Pack)
TA (°C)
25
50
60
70
80
85
90
100
105
110
120
125
130
140
150
PD (mW)
550
440
396
362
308
286
264
220
198
176
132
110
88
44
0
0
100
200
300
0
25
50
75
100
125
150
Ambient Temperature T
A (
oC)
Power Dissipation Curve
-40
0
100
200
300
400
500
600
0
25
50
75
100
125
150
PD (mW)
TA (°C)
Power Dissipation Curve
-40


Similar Part No. - AH3372-P-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3372 DIODES-AH3372 Datasheet
797Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3372 DIODES-AH3372_18 Datasheet
797Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
More results

Similar Description - AH3372-P-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3372 DIODES-AH3372_18 Datasheet
797Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3373 DIODES-AH3373 Datasheet
834Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3373 DIODES-AH3373_18 Datasheet
892Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3376 DIODES-AH3376 Datasheet
840Kb / 15P
   HIGH VOLTAGE LOW SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3377 DIODES-AH3377_18 Datasheet
827Kb / 15P
   HIGH VOLTAGE LOW SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3376 DIODES-AH3376_18 Datasheet
826Kb / 15P
   HIGH VOLTAGE LOW SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3377 DIODES-AH3377 Datasheet
838Kb / 15P
   HIGH VOLTAGE LOW SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3362Q DIODES-AH3362Q Datasheet
810Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3360 DIODES-AH3360 Datasheet
393Kb / 11P
   HIGH SENSITIVITY MICROPOWER UNIPOLAR HALL-EFFECT SWITCH
logo
Taiwan Semiconductor Co...
TSH282 TSC-TSH282 Datasheet
333Kb / 8P
   Sensitivity Unipolar Hall Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com