Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL3050 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL3050
Description  SMALL PANEL BACKLIGHT LED DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3050 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL3050 Datasheet HTML 4Page - Diodes Incorporated AL3050 Datasheet HTML 5Page - Diodes Incorporated AL3050 Datasheet HTML 6Page - Diodes Incorporated AL3050 Datasheet HTML 7Page - Diodes Incorporated AL3050 Datasheet HTML 8Page - Diodes Incorporated AL3050 Datasheet HTML 9Page - Diodes Incorporated AL3050 Datasheet HTML 10Page - Diodes Incorporated AL3050 Datasheet HTML 11Page - Diodes Incorporated AL3050 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AL3050
Document number: DS38578 Rev. 2 - 2
8 of 16
www.diodes.com
July 2016
© Diodes Incorporated
AL3050
Performance Characteristics (VIN = 3.6V, L = 22μH, RFB = 10Ω, 8 LEDs in series, TA = +25°C, unless otherwise specified.)
Open LED Protection
Application Information
1. General Operation
The AL3050 is a high efficiency boost converter with integrated power diode in a small package size. The device is ideal for driving white LED in
series. The serial LED connection provides even illumination by sourcing the same output current through all LEDs, eliminating the need for
expensive factory calibration. The device integrates a 30V/0.7A low side switch MOSFET and a 30V power diode, and operates in pulse width
modulation (PWM) with 750 kHz fixed switching frequency. For operation see the block diagram. The duty cycle of the converter is set by the error
amplifier output and the current signal applied to the PWM control comparator. The control architecture is based on traditional current-mode
control; therefore, slope compensation is added to the current signal to allow stable operation for duty cycles larger than 50%. The feedback loop
regulates the FB pin to a low reference voltage (200mV typical), reducing the power dissipation in the current sense resistor.
2. Soft Start-up
Soft-start circuitry is integrated into the IC to avoid a high inrush current during start-up. After the device is enabled, the voltage at FB pin ramps up
slowly to the reference voltage in 32 steps with each step taking 341
μs. This ensures that the output voltage rises slowly to reduce the input
current. Additionally, during the start up process, the current limit of the switch is set to half of the normal current limit spec. During this period, the
input current is kept below 360mA (typical).
3. Open LED Protection
Open LED protection circuitry prevents IC damage as the result of white LED disconnection. The AL3050 monitors the voltages at the VOUT pin
and FB pin. The circuitry turns off the switch MOSFET and shuts down the IC completely if both of the following two conditions are met: 1) the
VOUT voltage reaches OVP threshold (28.2V typical), 2) FB voltage is lower than half of its regulation voltage. This means the LED string is open
or the FB pin is short to ground. During open LED condition, the cycle by cycle switch current limit is set to be 0.3A typically to protect external
devices. As a result, the output voltage falls to the level of the input supply. The device remains in shutdown mode until it is enabled by pulling
down the CTRL pin logic low for at least 3.5ms and then pulling it high.
4. Shutdown
The AL3050 enters shutdown mode when the CTRL voltage is logic low for more than 3.5ms. During shutdown, the input supply current for the
device is less than 1μA (max). Although the internal MOSFET does not switch in shutdown mode, there is still a DC current path between the input
and the LEDs through the inductor and the power diode. The minimum forward voltage of the LED array must exceed the maximum input voltage
to ensure that the LEDs remain off in shutdown. In the typical application with two or more LEDs, the forward voltage is large enough to reverse
bias the diode and keep leakage current low.
5. Current Setting
The FB voltage is regulated by a low 0.2V reference voltage. The LED current is programmed externally using a current-sense resistor in series
with the LED string. The LED current can be calculated by Equation 1:
SET
FB
LED
R
V
I
(1)
Time 10
s /div
VFB
200mV/div
VOUT
10V/div
IL
200mA/div
VSW
20V/div


Similar Part No. - AL3050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL300 ETC-AL300 Datasheet
679Kb / 64P
   LCD Monitor Controller
AL3000 ETC2-AL3000 Datasheet
24Kb / 2P
   IP Frame Routing Processor
logo
AverLogic Technologies ...
AL300B-EVB-A0 AVERLOGIC-AL300B-EVB-A0 Datasheet
485Kb / 8P
   Evaluation Board
logo
Yellow Stone Corp
AL3020TC-DPG YSTONE-AL3020TC-DPG Datasheet
573Kb / 3P
   CERAMIC BASIC TYPE HIGH-PERFORMANCE LEDS
logo
Diodes Incorporated
AL3022 DIODES-AL3022 Datasheet
435Kb / 12P
   PWM BOOST CONTROLLER
More results

Similar Description - AL3050

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
   WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
Newhaven Display Intern...
NHD-5.7B-LED NEWHAVEN-NHD-5.7B-LED Datasheet
195Kb / 3P
   LED Backlight Driver
NHD-5.7F-LED NEWHAVEN-NHD-5.7F-LED Datasheet
339Kb / 3P
   LED Backlight Driver
logo
List of Unclassifed Man...
DF6113 ETC2-DF6113 Datasheet
1Mb / 7P
   LED Backlight Driver
logo
Maxim Integrated Produc...
MAX20070 MAXIM-MAX20070 Datasheet
1Mb / 34P
   LED Backlight Driver
Rev 0; 9/14
logo
Holtek Semiconductor In...
HT7963 HOLTEK-HT7963 Datasheet
2Mb / 11P
   LED Backlight Driver
logo
ON Semiconductor
NCS29001 ONSEMI-NCS29001 Datasheet
208Kb / 16P
   LED Backlight Driver
October, 2013 ??Rev. 1
logo
NXP Semiconductors
UBA3070 NXP-UBA3070 Datasheet
78Kb / 13P
   LED backlight driver IC
Rev. 02-2 December 2008
logo
ON Semiconductor
NCP5008 ONSEMI-NCP5008 Datasheet
119Kb / 20P
   Backlight LED Boost Driver
August, 2003 ??Rev. 4
NCP5008 ONSEMI-NCP5008_06 Datasheet
160Kb / 17P
   Backlight LED Boost Driver
April, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com