Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9F2G08Q0M Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K9F2G08Q0M
Description  FLASH MEMORY
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F2G08Q0M Datasheet(HTML) 1 Page - Samsung semiconductor

  K9F2G08Q0M Datasheet HTML 1Page - Samsung semiconductor K9F2G08Q0M Datasheet HTML 2Page - Samsung semiconductor K9F2G08Q0M Datasheet HTML 3Page - Samsung semiconductor K9F2G08Q0M Datasheet HTML 4Page - Samsung semiconductor K9F2G08Q0M Datasheet HTML 5Page - Samsung semiconductor K9F2G08Q0M Datasheet HTML 6Page - Samsung semiconductor K9F2G08Q0M Datasheet HTML 7Page - Samsung semiconductor K9F2G08Q0M Datasheet HTML 8Page - Samsung semiconductor K9F2G08Q0M Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
FLASH MEMORY
1
Preliminary
K9F2G08Q0M K9F2G16Q0M
K9F2G08U0M K9F2G16U0M
Document Title
256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
Revision History
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the
right to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions about device. If you
have any questions, please contact the SAMSUNG branch office near your office.
Revision No
0.0
0.1
0.2
0.3
0.4
Remark
Advance
Preliminary
Preliminary
Preliminary
Preliminary
History
1. Initial issue
1. Add the Rp vs tr ,tf & Rp vs Ibusy graph for 1.8V device (Page 34)
2. Add the data protection Vcc guidence for 1.8V device - below about
1.1V. (Page 35)
The min. Vcc value 1.8V devices is changed.
K9F2GXXQ0M : Vcc 1.65V~1.95V --> 1.70V~1.95V
Few current value is changed.
Before
Unit : us
After
1. The 3rd Byte ID after 90h ID read command is don’t cared.
The 5th Byte ID after 90h ID read command is deleted.
2. Note is added.
(VIL can undershoot to -0.4V and VIH can overshoot to VCC +0.4V for
durations of 20 ns or less.)
3. Pb-free Package is added.
K9F2G08Q0M-PCB0,PIB0
K9F2G08U0M-PCB0,PIB0
K9F2G16U0M-PCB0,PIB0
K9F2G16Q0M-PCB0,PIB0
K9F2GXXQ0M
K9F2GXXU0M
Typ.
Max.
Typ.
Max.
ISB2
20
100
20
100
ILI
-
±20
-
±20
ILO
-
±20
-
±20
K9F2GXXQ0M
K9F2GXXU0M
Typ.
Max.
Typ.
Max.
ISB2
10
50
10
50
ILI
-
±10
-
±10
ILO
-
±10
-
±10
Draft Date
Sep. 19.2001
Nov. 22. 2002
Mar. 6.2003
Apr. 2. 2003
Apr. 9. 2003


Similar Part No. - K9F2G08Q0M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2G08B0B SAMSUNG-K9F2G08B0B Datasheet
826Kb / 41P
   256M x 8 Bit NAND Flash Memory
K9F2G08B0B-P SAMSUNG-K9F2G08B0B-P Datasheet
826Kb / 41P
   256M x 8 Bit NAND Flash Memory
K9F2G08R0A SAMSUNG-K9F2G08R0A Datasheet
999Kb / 44P
   FLASH MEMORY
K9F2G08R0A-J SAMSUNG-K9F2G08R0A-J Datasheet
999Kb / 44P
   FLASH MEMORY
logo
STMicroelectronics
K9F2G08U STMICROELECTRONICS-K9F2G08U Datasheet
614Kb / 32P
   USB 2.0 high-speed Flash drive controller
More results

Similar Description - K9F2G08Q0M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com