Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL5809-150QP1-7 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AL5809-150QP1-7
Description  AUTOMOTIVE COMPLIANT 60V Two Terminal Constant Current LED Driver PowerDI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5809-150QP1-7 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AL5809-150QP1-7 Datasheet HTML 4Page - Diodes Incorporated AL5809-150QP1-7 Datasheet HTML 5Page - Diodes Incorporated AL5809-150QP1-7 Datasheet HTML 6Page - Diodes Incorporated AL5809-150QP1-7 Datasheet HTML 7Page - Diodes Incorporated AL5809-150QP1-7 Datasheet HTML 8Page - Diodes Incorporated AL5809-150QP1-7 Datasheet HTML 9Page - Diodes Incorporated AL5809-150QP1-7 Datasheet HTML 10Page - Diodes Incorporated AL5809-150QP1-7 Datasheet HTML 11Page - Diodes Incorporated AL5809-150QP1-7 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AL5809Q
Document number: DS38233 Rev. 1 - 2
9 of 12
www.diodes.com
March 2016
© Diodes Incorporated
AL5809Q
Ordering Information (Note 12)
Part Number
LED Current
Opion
Package
Code
Packaging
7” Tape and Reel
Qualification
(Note 13)
Quantity
Part Number
Suffix
AL5809-15QP1-7
15mA
P1
PowerDI123 (Type B)
3,000
-7
Automotive Compliant
AL5809-20QP1-7
20mA
P1
PowerDI123 (Type B)
3,000
-7
Automotive Compliant
AL5809-25QP1-7
25mA
P1
PowerDI123 (Type B)
3,000
-7
Automotive Compliant
AL5809-30QP1-7
30mA
P1
PowerDI123 (Type B)
3,000
-7
Automotive Compliant
AL5809-40QP1-7
40mA
P1
PowerDI123 (Type B)
3,000
-7
Automotive Compliant
AL5809-50QP1-7
50mA
P1
PowerDI123 (Type B)
3,000
-7
Automotive Compliant
AL5809-60QP1-7
60mA
P1
PowerDI123 (Type B)
3,000
-7
Automotive Compliant
AL5809-90QP1-7
90mA
P1
PowerDI123 (Type B)
3,000
-7
Automotive Compliant
AL5809-100QP1-7
100mA
P1
PowerDI123 (Type B)
3,000
-7
Automotive Compliant
AL5809-120QP1-7
120mA
P1
PowerDI123 (Type B)
3,000
-7
Automotive Compliant
AL5809-150QP1-7
150mA
P1
PowerDI123 (Type B)
3,000
-7
Automotive Compliant
Notes:
12. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
13. AL5809Q has been qualified to AEC-Q100 grade 3
and is classified as “Automotive Compliant” supporting PPAP documentation.
See AL5809 datasheet for commercial qualified versions.


Similar Part No. - AL5809-150QP1-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL5809-150QP1-7 DIODES-AL5809-150QP1-7 Datasheet
520Kb / 12P
   AUTOMOTIVE COMPLIANT 60V TWO TERMINAL CONSTANT CURRENT LED DRIVER
More results

Similar Description - AL5809-150QP1-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL5809Q DIODES-AL5809Q_17 Datasheet
520Kb / 12P
   AUTOMOTIVE COMPLIANT 60V TWO TERMINAL CONSTANT CURRENT LED DRIVER
AL5809 DIODES-AL5809 Datasheet
830Kb / 13P
   60V Two Terminal Constant Current LED Driver
AL5809 DIODES-AL5809_16 Datasheet
706Kb / 16P
   60V Two Terminal Constant Current LED Driver
ZXLD1366Q DIODES-ZXLD1366Q Datasheet
1Mb / 29P
   AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
ZXLD1366Q DIODES-ZXLD1366Q_18 Datasheet
1Mb / 32P
   AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
logo
XLSEMI
XL6013 XLSEMI-XL6013 Datasheet
307Kb / 12P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
XL6005 XLSEMI-XL6005 Datasheet
420Kb / 11P
   180KHz 60V 4A Switching Current Boost LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM6286 HMSEMI-HM6286 Datasheet
619Kb / 11P
   180KHz 60V 5A Switching Current Boost LED Constant Current Driver
logo
List of Unclassifed Man...
XL6003 ETC2-XL6003 Datasheet
275Kb / 9P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
XL6006 ETC2-XL6006 Datasheet
175Kb / 10P
   180KHz 60V 5A Switching Current Boost LED Constant Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com