Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7008S25GB Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT7008S25GB
Description  HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7008S25GB Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT7008S25GB Datasheet HTML 4Page - Integrated Device Technology IDT7008S25GB Datasheet HTML 5Page - Integrated Device Technology IDT7008S25GB Datasheet HTML 6Page - Integrated Device Technology IDT7008S25GB Datasheet HTML 7Page - Integrated Device Technology IDT7008S25GB Datasheet HTML 8Page - Integrated Device Technology IDT7008S25GB Datasheet HTML 9Page - Integrated Device Technology IDT7008S25GB Datasheet HTML 10Page - Integrated Device Technology IDT7008S25GB Datasheet HTML 11Page - Integrated Device Technology IDT7008S25GB Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
IDT7008S/L
High-Speed 64K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
Timing of Power-Up Power-Down
Waveform of Read Cycles(5)
NOTES:
1. Timing depends on which signal is asserted last,
OE or CE.
2. Timing depends on which signal is de-asserted first
CE or OE.
3. tBDD delay is required only in cases where the opposite port is completing a write operation to the same address location. For simultaneous read operations
BUSY
has no relation to valid output data.
4. Start of valid data depends on which timing becomes effective last tAOE, tACE, tAA or tBDD.
5.
SEM = VIH.
6. Refer to Chip Enable Truth Table.
AC Test Conditions
Figure 2. Output Test Load
(for tLZ, tHZ, tWZ, tOW)
* Including scope and jig.
Figure 1. AC Output Test Load
3198 drw 06
893
30pF
347
5V
DATAOUT
BUSY
INT
893
5pF*
347
5V
DATAOUT
3198 drw 05
tRC
R/
W
CE(6)
ADDR
tAA
OE
3198 drw 07
(4)
tACE
(4)
tAOE
(4)
(1)
tLZ
tOH
(2)
tHZ
(3,4)
tBDD
DATAOUT
BUSYOUT
VALID DATA
(4)
CE
3198 drw 08
tPU
ICC
ISB
tPD
(6)
,
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
5ns Max.
1.5V
1.5V
Figures 1 and 2
3198 tbl 11


Similar Part No. - IDT7008S25GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7008S IDT-IDT7008S Datasheet
717Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_16 Datasheet
717Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_18 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7008S25GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S Datasheet
163Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_16 Datasheet
717Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_18 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
   HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_15 Datasheet
662Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V08 RENESAS-70V08 Datasheet
363Kb / 22P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
MAY 2019
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
   HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com