Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC817-16Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BC817-16Q
Description  45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC817-16Q Datasheet(HTML) 3 Page - Diodes Incorporated

  BC817-16Q Datasheet HTML 1Page - Diodes Incorporated BC817-16Q Datasheet HTML 2Page - Diodes Incorporated BC817-16Q Datasheet HTML 3Page - Diodes Incorporated BC817-16Q Datasheet HTML 4Page - Diodes Incorporated BC817-16Q Datasheet HTML 5Page - Diodes Incorporated BC817-16Q Datasheet HTML 6Page - Diodes Incorporated BC817-16Q Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BC817-16Q /-40Q
Document number: DS38331 Rev. 2 - 2
3 of 7
www.diodes.com
March 2016
© Diodes Incorporated
BC817-16Q /-40Q
Thermal Characteristics and Derating Information
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
Derating Curve
Temperature (
o
C)
100μ
1m
10m 100m
1
10
100
1k
0
50
100
150
200
250
300
350
400
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
10m
100m
1
10
100
1k
0.1
1
10
Single Pulse. T
amb
=25
oC
Pulse Power Dissipation
Pulse Width (s)
µ


Similar Part No. - BC817-16Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC817-16QB NEXPERIA-BC817-16QB Datasheet
317Kb / 14P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 10 December 2020
BC817-16QB NEXPERIA-BC817-16QB Datasheet
320Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 28 October 2020
BC817-16QB-Q NEXPERIA-BC817-16QB-Q Datasheet
329Kb / 14P
   45 V, 500 mA PNP general-purpose transistors
Rev. 2 - 4 May 2021
BC817-16QB-Q NEXPERIA-BC817-16QB-Q Datasheet
331Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021
BC817-16QBH-Q NEXPERIA-BC817-16QBH-Q Datasheet
315Kb / 13P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 25 January 2022
More results

Similar Description - BC817-16Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCW66H DIODES-BCW66H_15 Datasheet
201Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BCW66H DIODES-BCW66H Datasheet
200Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
April 2013 Rev. 5 - 2
BC817-16W DIODES-BC817-16W_15 Datasheet
144Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817 DIODES-BC817_15 Datasheet
394Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
AC817-40Q DIODES-AC817-40Q Datasheet
431Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
August 2017 Rev. 1 - 2
BC857CQ DIODES-BC857CQ Datasheet
428Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
October 2017 Rev. 1 - 2
BC807 DIODES-BC807_15 Datasheet
251Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
MMBTA05 DIODES-MMBTA05_15 Datasheet
256Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC846A DIODES-BC846A_15 Datasheet
304Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC847BLP4 DIODES-BC847BLP4_15 Datasheet
307Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com