Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-ETH-2 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # SP-ETH-2
Description  Managed Fast Ethernet Switch with Telephone Modem
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

SP-ETH-2 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  SP-ETH-2 Datasheet HTML 1Page - Red Lion Controls. Inc SP-ETH-2 Datasheet HTML 2Page - Red Lion Controls. Inc SP-ETH-2 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Managed Fast Ethernet Switch with Telephone Modem
PRODUCT HIGHLIGHTS
> Built-in 56K PSTN Modem
> Modbus/TCP Remote Monitoring
> Real-Time Ring Network Recovery
> Wide -40° to 75°C Operating Temperature
> Redundant 10 to 30 VDC Power Inputs
Red Lion’s Sixnet® series SLX-5MS-MDM managed Fast
Ethernet switch features five Ethernet ports with built-in
telephone modem and Modbus monitoring, providing easy
and secure remote access over standard telephone lines.
The rugged SLX-5MS-MDM managed switch features 5 10/100Base-T(X) ports and an advanced
56K (V.90) PSTN modem. Designed to handle harsh environments, the SLX-5MS-MDM switch
offers wire-speed throughput, redundant 10-30 VDC power inputs and a wide -40° to 75°C
operating temperature rating. Real-Time Ring, Modbus/TCP, PPP and HTTPS ensure reliable and
secure operation in industrial applications.
APPLICATIONS
> Alternative Energy
> Maritime
> Oil & Gas
> Transportation
> Utility
> Water/Wastewater
SLX-5MS-MDM Dial-Up Ethernet Switch
Sixnet® Networking Series
FEATURES & BENEFITS
> 5 Fast Ethernet Ports
• Five 10/100Base-T(X) copper ports
> Built-in telephone modem
• Provides secure remote access via twisted
copper telephone wire networks
• Connection speeds up to 56K
> Redundant Power Inputs
• 10-30VDC
• Reverse polarity protection
> Robust Industrial Design
• -40° to 75°C operating temperature
• Hardened IP40 enclosure
• Extended shock and vibration specs
• Electrical noise and surge immunity
• LED status indicators
• Configurable alarm output
• DIN-Rail or panel mount
• UL/CSA: Class 1, Div 2
> Fully Managed Features Include:
• Web browser or CLI management
• Secure web (HTTPS/SSL) and Telnet (SSH)
• Broadcast and multicast storm protection
• SNMP v1, v2, v3
• DHCP Server
• Real-Time Ring fast-healing ring technology
• RSTP - 802.1w and 802.1D
• 802.1p QoS/CoS/DS
• IGMP multicast filtering
• SNTP (Simple Network Time Protocol)
• RMON & port mirroring for advanced diagnostics
• Modbus/TCP monitoring for port, power and
ring status
C
US
UL
R
LISTED
compliant


Similar Part No. - SP-ETH-2

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SP-ETH-2 REDLION-SP-ETH-2 Datasheet
421Kb / 3P
   Managed Gigabit Ethernet Switch
SP-ETH-2 REDLION-SP-ETH-2 Datasheet
394Kb / 3P
   Managed Fast Ethernet Switch
SP-ETH-2 REDLION-SP-ETH-2 Datasheet
394Kb / 3P
   Managed Gigabit Ethernet Switch
SP-ETH-2 REDLION-SP-ETH-2 Datasheet
438Kb / 3P
   Managed Gigabit Ethernet Switch
SP-ETH-2 REDLION-SP-ETH-2 Datasheet
817Kb / 2P
   Three Fiber Industrial Ethernet Unmanaged Switch
More results

Similar Description - SP-ETH-2

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SLX-16MS-1 REDLION-SLX-16MS-1 Datasheet
394Kb / 3P
   Managed Fast Ethernet Switch
logo
Weidmuller
1504330000 WEIDMULLER-1504330000 Datasheet
326Kb / 5P
   Network switch, managed, Fast Ethernet
1240970000 WEIDMULLER-1240970000 Datasheet
262Kb / 5P
   Network switch, managed, Fast Ethernet
November 4, 2021 CET
2682250000 WEIDMULLER-2682250000 Datasheet
151Kb / 4P
   Network switch, managed, Fast Ethernet
November 4, 2021
2682270000 WEIDMULLER-2682270000 Datasheet
154Kb / 4P
   Network switch, managed, Fast Ethernet
November 4, 2021
1286790000 WEIDMULLER-1286790000 Datasheet
248Kb / 5P
   Network switch, managed, Fast Ethernet
1345240000 WEIDMULLER-1345240000 Datasheet
259Kb / 5P
   Network switch, managed, Fast Ethernet
1241080000 WEIDMULLER-1241080000 Datasheet
271Kb / 5P
   Network switch, managed, Fast Ethernet
November 4, 2021 CET
1286800000 WEIDMULLER-1286800000 Datasheet
271Kb / 5P
   Network switch, managed, Fast Ethernet
1286810000 WEIDMULLER-1286810000 Datasheet
249Kb / 5P
   Network switch, managed, Fast Ethernet
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com