Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLX-3EG Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # SLX-3EG
Description  SlimLine Plus Gigabit Industrial Connectivity
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

SLX-3EG Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  SLX-3EG Datasheet HTML 1Page - Red Lion Controls. Inc SLX-3EG Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SLX-3EG Industrial Ethernet Media Converter Specifications
CONNECT. MONITOR. CONTROL.
www.redlion.net/sixnet
+1 (518) 877-5173 | info@redlion.net
About Red Lion
As the global experts in
communication, monitoring
and control for industrial
automation, Red Lion has been
delivering innovative solutions
to customers for forty years.
Our award-winning technology
enables companies worldwide
to gain real-time data visibility
that drives productivity. Product
brands include Red Lion, Sixnet
and N-Tron. With headquarters in
York, Pennsylvania, the company
has offices across the Americas,
Asia-Pacific and Europe. Red Lion
is a Spectris company.
For more information,
visit www.redlion.net/sixnet,
call +1 (518) 877-5173 or
email info@redlion.net
© 2012 Red Lion Controls. All Rights Reserved. OCT2012
SPECIFICATIONS
Ethernet Performance
• Type: unmanaged
• Operation: store and forward wire-speed
switching, non-blocking
• Modes: full or half duplex operation with flow
control on all ports
• MAC addresses: 1,024
• Memory bandwidth: 3.2 Gbps
• Latency (typical/plus frame time)
• – 5
μS for 100 Mbps
• – 16
μS for 10 Mbps
• Jumbo frames: up to 10K
• Ethernet isolation: 1,500 Vrms 1 minute
RJ45 Copper Ports
• 2 RJ45 ports fully IEEE 802.3 compliant
• Speed (10/100/1000) and duplex settings (full
or half): auto-detecting
• Auto-MDI/MDIX-crossover automatically
supports either straight or crossed cables
• Auto-polarity for automatic correction of
crossed TD and RD pairs
SFP Ports
• 1 SFP (pluggable) ports accept Mini-GBIC
transceivers with speeds up to 1,000 Mbps
• See separate datasheet for fiber transceiver
specifications
Power Input
• Dual power inputs for redundant power
• Reverse polarity protection
• Input voltage range: 10 to 30 VDC
• Power consumption (typical with all ports linked
and active): 3.0 W
• Transient protection: 15,000 W peak
• Spike protection: 5,000 W (10 times for 10
μS)
SLX-3EG Industrial Ethernet Media Converter
SlimLine Plus Gigabit Industrial Connectivity
All specifications are subject to change.
Contact Sixnet to learn more.
PART NUMBER
DESCRIPTION
SLX-3EG-1SFP
All Gigabit, 2 RJ45 ports and 1 SFP fiber port
GMFIBER-SFP-500
Gigabit SFP fiber transceiver, mm, 550 m
GMFIBER-SFP-2K
Gigabit SFP fiber transceiver, mm, 2 km
GSFIBER-SFP-10K
Gigabit SFP fiber transceiver, sm, 10 km
GSFIBER-SFP-30K
Gigabit SFP fiber transceiver, sm, 30 km
GSFIBER-SFP-50K
Gigabit SFP fiber transceiver, sm, 50 km
GSFIBER-SFP-80K
Gigabit SFP fiber transceiver, sm, 80 km
ORDER GUIDE
Environmental
• Operating temperature: -40 to +85°C
• Cold startup: -40°C
• Storage temperature: -40 to +85°C
• Humidity: 5 to 95% RH (non-condensing;
conformal coating optional)
• Shock and vibration: IEC60068-2-6 and -27
• Maximum Operating Altitude: 30,000 ft.
Standards & Compliance
• Standards: IEEE 802.3, 802.3u, 802.3x
• Electrical safety: UL508, CSA C22.2/14;
EN61010-1, CE
• EMC: FCC part 15, ICES-003; EN610006-
2/4, CE
• Hazardous locations: UL1604, CSA
C22.2/213 (Class I, Div 2); EN60079-15
(Zone 2; Category 3), CE (ATEX)
• Marine/maritime/offshore compliance
• NEMA TS-2 for traffic control systems
• MTBF: >2MM hours GB @ 40°C per
MIL-HNDBK-217F2
• RoHs and WEEE compliant
Mechanical
• Material: corrosion-resistant aluminum
• Ingress protection: IP40
• Mounting: DIN-rail or direct-to-panel
• Weight: 6 oz (0.17 kg)
• Dimensions: 3” x 1” x 4.50”
(7.62cm x 2.54cm x 11.43cm)
Warranty
• 5 years on design and manufacturing defects
CONNECT. MONITOR. CONTROL.
www.redlion.net/sixnet
+1 (518) 877-5173 | info@redlion.net
About Red Lion
As the global experts in
communication, monitoring
and control for industrial
automation, Red Lion has been
delivering innovative solutions
to customers for forty years.
Our award-winning technology
enables companies worldwide
to gain real-time data visibility
that drives productivity. Product
brands include Red Lion, Sixnet
and N-Tron. With headquarters in
York, Pennsylvania, the company
has offices across the Americas,
Asia-Pacific and Europe. Red Lion
is a Spectris company.
For more information,
visit www.redlion.net/sixnet,
call +1 (518) 877-5173 or
email info@redlion.net
© 2012 Red Lion Controls. All Rights Reserved. OCT2012
SPECIFICATIONS
Ethernet Performance
• Type: unmanaged
• Operation: store and forward wire-speed
switching, non-blocking
• Modes: full or half duplex operation with flow
control on all ports
• MAC addresses: 1,024
• Memory bandwidth: 3.2 Gbps
• Latency (typical/plus frame time)
• – 5
μS for 100 Mbps
• – 16
μS for 10 Mbps
• Jumbo frames: up to 10K
• Ethernet isolation: 1,500 Vrms 1 minute
RJ45 Copper Ports
• 2 RJ45 ports fully IEEE 802.3 compliant
• Speed (10/100/1000) and duplex settings (full
or half): auto-detecting
• Auto-MDI/MDIX-crossover automatically
supports either straight or crossed cables
• Auto-polarity for automatic correction of
crossed TD and RD pairs
SFP Ports
• 1 SFP (pluggable) ports accept Mini-GBIC
transceivers with speeds up to 1,000 Mbps
• See separate datasheet for fiber transceiver
specifications
Power Input
• Dual power inputs for redundant power
• Reverse polarity protection
• Input voltage range: 10 to 30 VDC
• Power consumption (typical with all ports linked
and active): 3.0 W
• Transient protection: 15,000 W peak
• Spike protection: 5,000 W (10 times for 10
μS)
SLX-3EG Industrial Ethernet Media Converter
SlimLine Plus Gigabit Industrial Connectivity
All specifications are subject to change.
Contact Sixnet to learn more.
PART NUMBER
DESCRIPTION
SLX-3EG-1SFP
All Gigabit, 2 RJ45 ports and 1 SFP fiber port
GMFIBER-SFP-500
Gigabit SFP fiber transceiver, mm, 550 m
GMFIBER-SFP-2K
Gigabit SFP fiber transceiver, mm, 2 km
GSFIBER-SFP-10K
Gigabit SFP fiber transceiver, sm, 10 km
GSFIBER-SFP-30K
Gigabit SFP fiber transceiver, sm, 30 km
GSFIBER-SFP-50K
Gigabit SFP fiber transceiver, sm, 50 km
GSFIBER-SFP-80K
Gigabit SFP fiber transceiver, sm, 80 km
ORDER GUIDE
Environmental
• Operating temperature: -40 to +85°C
• Cold startup: -40°C
• Storage temperature: -40 to +85°C
• Humidity: 5 to 95% RH (non-condensing;
conformal coating optional)
• Shock and vibration: IEC60068-2-6 and -27
• Maximum Operating Altitude: 30,000 ft.
Standards & Compliance
• Standards: IEEE 802.3, 802.3u, 802.3x
• Electrical safety: UL508, CSA C22.2/14;
EN61010-1, CE
• EMC: FCC part 15, ICES-003; EN610006-
2/4, CE
• Hazardous locations: UL1604, CSA
C22.2/213 (Class I, Div 2); EN60079-15
(Zone 2; Category 3), CE (ATEX)
• Marine/maritime/offshore compliance
• NEMA TS-2 for traffic control systems
• MTBF: >2MM hours GB @ 40°C per
MIL-HNDBK-217F2
• RoHs and WEEE compliant
Mechanical
• Material: corrosion-resistant aluminum
• Ingress protection: IP40
• Mounting: DIN-rail or direct-to-panel
• Weight: 6 oz (0.17 kg)
• Dimensions: 3” x 1” x 4.50”
(7.62cm x 2.54cm x 11.43cm)
Warranty
• 5 years on design and manufacturing defects
CONNECT. MONITOR. CONTROL.
www.redlion.net/sixnet
+1 (518) 877-5173 | info@redlion.net
About Red Lion
As the global experts in
communication, monitoring
and control for industrial
automation, Red Lion has been
delivering innovative solutions
to customers for forty years.
Our award-winning technology
enables companies worldwide
to gain real-time data visibility
that drives productivity. Product
brands include Red Lion, Sixnet
and N-Tron. With headquarters in
York, Pennsylvania, the company
has offices across the Americas,
Asia-Pacific and Europe. Red Lion
is a Spectris company.
For more information,
visit www.redlion.net/sixnet,
call +1 (518) 877-5173 or
email info@redlion.net
© 2012 Red Lion Controls. All Rights Reserved. OCT2012
SPECIFICATIONS
Ethernet Performance
• Type: unmanaged
• Operation: store and forward wire-speed
switching, non-blocking
• Modes: full or half duplex operation with flow
control on all ports
• MAC addresses: 1,024
• Memory bandwidth: 3.2 Gbps
• Latency (typical/plus frame time)
• – 5
μS for 100 Mbps
• – 16
μS for 10 Mbps
• Jumbo frames: up to 10K
• Ethernet isolation: 1,500 Vrms 1 minute
RJ45 Copper Ports
• 2 RJ45 ports fully IEEE 802.3 compliant
• Speed (10/100/1000) and duplex settings (full
or half): auto-detecting
• Auto-MDI/MDIX-crossover automatically
supports either straight or crossed cables
• Auto-polarity for automatic correction of
crossed TD and RD pairs
SFP Ports
• 1 SFP (pluggable) ports accept Mini-GBIC
transceivers with speeds up to 1,000 Mbps
• See separate datasheet for fiber transceiver
specifications
Power Input
• Dual power inputs for redundant power
• Reverse polarity protection
• Input voltage range: 10 to 30 VDC
• Power consumption (typical with all ports linked
and active): 3.0 W
• Transient protection: 15,000 W peak
• Spike protection: 5,000 W (10 times for 10
μS)
SLX-3EG Industrial Ethernet Media Converter
SlimLine Plus Gigabit Industrial Connectivity
All specifications are subject to change.
Contact Sixnet to learn more.
PART NUMBER
DESCRIPTION
SLX-3EG-1SFP
All Gigabit, 2 RJ45 ports and 1 SFP fiber port
GMFIBER-SFP-500
Gigabit SFP fiber transceiver, mm, 550 m
GMFIBER-SFP-2K
Gigabit SFP fiber transceiver, mm, 2 km
GSFIBER-SFP-10K
Gigabit SFP fiber transceiver, sm, 10 km
GSFIBER-SFP-30K
Gigabit SFP fiber transceiver, sm, 30 km
GSFIBER-SFP-50K
Gigabit SFP fiber transceiver, sm, 50 km
GSFIBER-SFP-80K
Gigabit SFP fiber transceiver, sm, 80 km
ORDER GUIDE
Environmental
• Operating temperature: -40 to +85°C
• Cold startup: -40°C
• Storage temperature: -40 to +85°C
• Humidity: 5 to 95% RH (non-condensing;
conformal coating optional)
• Shock and vibration: IEC60068-2-6 and -27
• Maximum Operating Altitude: 30,000 ft.
Standards & Compliance
• Standards: IEEE 802.3, 802.3u, 802.3x
• Electrical safety: UL508, CSA C22.2/14;
EN61010-1, CE
• EMC: FCC part 15, ICES-003; EN610006-
2/4, CE
• Hazardous locations: UL1604, CSA
C22.2/213 (Class I, Div 2); EN60079-15
(Zone 2; Category 3), CE (ATEX)
• Marine/maritime/offshore compliance
• NEMA TS-2 for traffic control systems
• MTBF: >2MM hours GB @ 40°C per
MIL-HNDBK-217F2
• RoHs and WEEE compliant
Mechanical
• Material: corrosion-resistant aluminum
• Ingress protection: IP40
• Mounting: DIN-rail or direct-to-panel
• Weight: 6 oz (0.17 kg)
• Dimensions: 3” x 1” x 4.50”
(7.62cm x 2.54cm x 11.43cm)
Warranty
• 5 years on design and manufacturing defects
w w w .r edlion.net
Connect. Monitor. Control.
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our automation, Ethernet and
cellular M2M technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the company
has offices across the Americas, Asia-Pacific and Europe. Red Lion is
part of Spectris plc, the productivity-enhancing instrumentation and
controls company. For more information, please visit www.redlion.net.
ADLD0208 041615 ©2015 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are
registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners.


Similar Part No. - SLX-3EG

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SLX-3ES REDLION-SLX-3ES Datasheet
402Kb / 2P
   SlimLine Plus Unmanaged Industrial Connectivity
SLX-3ES-2SC REDLION-SLX-3ES-2SC Datasheet
402Kb / 2P
   SlimLine Plus Unmanaged Industrial Connectivity
SLX-3ES-2ST REDLION-SLX-3ES-2ST Datasheet
402Kb / 2P
   SlimLine Plus Unmanaged Industrial Connectivity
SLX-3ES-3SC REDLION-SLX-3ES-3SC Datasheet
402Kb / 2P
   SlimLine Plus Unmanaged Industrial Connectivity
SLX-3ES-3SCL REDLION-SLX-3ES-3SCL Datasheet
402Kb / 2P
   SlimLine Plus Unmanaged Industrial Connectivity
More results

Similar Description - SLX-3EG

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SLX-5EG-1 REDLION-SLX-5EG-1 Datasheet
448Kb / 2P
   SlimLine Plus Gigabit Industrial Connectivity
SLX-5EG-2SFP REDLION-SLX-5EG-2SFP Datasheet
704Kb / 2P
   SlimLine Plus Gigabit Industrial Connectivity
SLX-3ES REDLION-SLX-3ES Datasheet
402Kb / 2P
   SlimLine Plus Unmanaged Industrial Connectivity
MIL318 REDLION-MIL318 Datasheet
806Kb / 4P
   Military-Rated Gigabit Industrial Connectivity
MIL312 REDLION-MIL312 Datasheet
742Kb / 4P
   Military-Rated Gigabit Industrial Connectivity
MIL316 REDLION-MIL316 Datasheet
801Kb / 4P
   Military-Rated Gigabit Industrial Connectivity
ET-8XG-MIL REDLION-ET-8XG-MIL Datasheet
824Kb / 3P
   Military-Rated Gigabit Industrial Connectivity
logo
List of Unclassifed Man...
HMI5043L ETC1-HMI5043L Datasheet
335Kb / 2P
   4.3??Slimline Industrial HMI
logo
Red Lion Controls. Inc
EL212F REDLION-EL212F Datasheet
1Mb / 4P
   ExtremeLine Managed Industrial Connectivity
ET-5XS-IP67 REDLION-ET-5XS-IP67 Datasheet
294Kb / 2P
   Military-Rated Industrial Connectivity
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com