Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM1231-02SO Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DM1231-02SO
Description  2-CHANNEL LOW CAPACITANCE ESD PROTECTION ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DM1231-02SO Datasheet(HTML) 3 Page - Diodes Incorporated

  DM1231-02SO Datasheet HTML 1Page - Diodes Incorporated DM1231-02SO Datasheet HTML 2Page - Diodes Incorporated DM1231-02SO Datasheet HTML 3Page - Diodes Incorporated DM1231-02SO Datasheet HTML 4Page - Diodes Incorporated DM1231-02SO Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DM1231-02SO
Document number: DS37786 Rev.3
– 2
3 of 5
www.diodes.com
May 2016
© Diodes Incorporated
DM1231-02SO
0
25
50
75
100
0
25
50
75
100
125
150
175
200
TA,AMBIENT TEMPERATURE( C)
Figure1. Pulse Derating Curve
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
5
10
15
20
25
RDUP( )
Ω
Figure 2. IEC61000-4-2 Vpeak vs. Loading (RDUP)
DM1231
Single Stage ESD Device
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
5
10
15
20
25
RDUP( )
Ω
Figure 3. IEC61000-4-2 Vclamp vs. Loading (RUDP)
DM1231
Single Stage ESD Device
0
2
4
6
8
10
12
14
16
18
0
5
10
15
20
25
RDUP( )
Ω
Figure 4. IEC61000-4-2
I
(Residual ESD Peak Current) vs. Loading (RDUP)
RES
DM1231
Single Stage ESD Device
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
13.5
1
2
3
4
5
IEC61000-4-5 8/20
S Peak Current(A)
µ
Figure 5. Clamping Voltage vs.Peak Current
Zap at OUT; Measure at OUT
Zap at OUT; Measure at IN
0.0
0.5
1.0
1.5
2.0
2.5
0
1
2
3
4
5
Bias Voltage(V)
Figure 6. Capacitance vs. Bias Voltage
OUT-to-V Capacitance,IN Floating,V
= 5V
N
P


Similar Part No. - DM1231-02SO

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
DM12 SHARMA-DM12 Datasheet
252Kb / 1P
   Mica Capacitors
logo
Danisense A/S
DM1200ID DANISENSE-DM1200ID Datasheet
463Kb / 7P
   Ultra-stable, high precision (ppm class) fluxgate technology DM Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1800A
2023 05 04
DM1200ID-CD3000 DANISENSE-DM1200ID-CD3000 Datasheet
477Kb / 7P
   Ultra-stable, high precision (ppm class) fluxgate technology DM Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1500A
2022-11-29
DM1200UB-10V DANISENSE-DM1200UB-10V Datasheet
509Kb / 8P
   Ultra-stable, high precision (ppm class) fluxgate technology DM Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1320A
2022-11-29
DM1200UB-1V DANISENSE-DM1200UB-1V Datasheet
525Kb / 8P
   Ultra-stable, high precision (ppm class) fluxgate technology DM Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1800A
2022-11-29
More results

Similar Description - DM1231-02SO

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HYESD1025QG HY-HYESD1025QG Datasheet
196Kb / 2P
   2 Channel Low Capacitance ESD Protection DIode Array
logo
Union Semiconductor, In...
UM5202EEDF UNIONSEMI-UM5202EEDF_14 Datasheet
99Kb / 5P
   Dual Channel Low Capacitance ESD Protection Array
UM5204EECD UNIONSEMI-UM5204EECD Datasheet
198Kb / 6P
   Quad Channel Low Capacitance ESD Protection Array
UESD6V8V4A UNIONSEMI-UESD6V8V4A_15 Datasheet
259Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5204 UNIONSEMI-UM5204_16 Datasheet
314Kb / 11P
   Quad Channel Low Capacitance ESD Protection Array
UM5204EEXF UNIONSEMI-UM5204EEXF Datasheet
255Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
UM5304EEXF UNIONSEMI-UM5304EEXF Datasheet
217Kb / 8P
   Quad Channel Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1293A-04SO ONSEMI-CM1293A-04SO_12 Datasheet
706Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
January, 2012 ??Rev. 0
CM1213A-04SO ONSEMI-CM1213A-04SO_14 Datasheet
424Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
July, 2014 ??Rev. 1
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
   Low Capacitance ESD Protection Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com