Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9K2G08Q0M-PIB0 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K9K2G08Q0M-PIB0
Description  256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9K2G08Q0M-PIB0 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K9K2G08Q0M-PIB0 Datasheet HTML 7Page - Samsung semiconductor K9K2G08Q0M-PIB0 Datasheet HTML 8Page - Samsung semiconductor K9K2G08Q0M-PIB0 Datasheet HTML 9Page - Samsung semiconductor K9K2G08Q0M-PIB0 Datasheet HTML 10Page - Samsung semiconductor K9K2G08Q0M-PIB0 Datasheet HTML 11Page - Samsung semiconductor K9K2G08Q0M-PIB0 Datasheet HTML 12Page - Samsung semiconductor K9K2G08Q0M-PIB0 Datasheet HTML 13Page - Samsung semiconductor K9K2G08Q0M-PIB0 Datasheet HTML 14Page - Samsung semiconductor K9K2G08Q0M-PIB0 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
FLASH MEMORY
11
K9K2G08Q0M-YCB0,YIB0,PCB0,PIB0
K9K2G16Q0M-YCB0,YIB0,PCB0,PIB0
K9K2G08U0M-YCB0,YIB0,PCB0,PIB0
K9K2G16U0M-YCB0,YIB0,PCB0,PIB0
K9K2G08U0M-VCB0,VIB0,FCB0,FIB0
CAPACITANCE(TA=25
°C, VCC=1.8V/3.3V, f=1.0MHz)
NOTE : Capacitance is periodically sampled and not 100% tested.
Item
Symbol
Test Condition
Min
Max
Unit
Input/Output Capacitance
CI/O
VIL=0V
-
10
pF
Input Capacitance
CIN
VIN=0V
-
10
pF
VALID BLOCK
NOTE :
1. The
K9K2GXXX0M may include invalid blocks when first shipped. Additional invalid blocks may develop while being used. The number of valid
blocks is presented with both cases of invalid blocks considered. Invalid blocks are defined as blocks that contain one or more bad bits
. Do not erase
or program factory-marked bad blocks. Refer to the attached technical notes for appropriate management of invalid blocks.
2. The 1st block, which is placed on 00h block address, is fully guaranteed to be a valid block and does not require Error Correction.
Parameter
Symbol
Min
Typ.
Max
Unit
Valid Block Number
NVB
2008
-
2048
Blocks
AC TEST CONDITION
(K9K2GXXX0M-XCB0 :TA=0 to 70
°C, K9K2GXXX0M-XIB0:TA=-40 to 85°C
K9K2GXXQ0M : Vcc=1.70V~1.95V , K9K2GXXU0M : Vcc=2.7V~3.6V unless otherwise noted)
Parameter
K9K2GXXQ0M
K9K2GXXU0M
Input Pulse Levels
0V to Vcc
0.4V to 2.4V
Input Rise and Fall Times
5ns
5ns
Input and Output Timing Levels
Vcc/2
1.5V
K9K2GXXQ0M:Output Load (Vcc:1.8V +/-10%)
K9K2GXXU0M:Output Load (Vcc:3.0V +/-10%)
1 TTL GATE and CL=30pF
1 TTL GATE and CL=50pF
K9K2GXXU0M:Output Load (Vcc:3.3V +/-10%)
-
1 TTL GATE and CL=100pF
Program / Erase Characteristics
NOTE : 1. Max. time of
tCBSY depends on timing between internal program completion and data in
Parameter
Symbol
Min
Typ
Max
Unit
Program Time
tPROG
-
300
700
µs
Dummy Busy Time for Cache Program
tCBSY
3
700
µs
Number of Partial Program Cycles
in the Same Page
Main Array
Nop
-
-
4
cycles
Spare Array
-
-
4
cycles
Block Erase Time
tBERS
-
2
3
ms
MODE SELECTION
NOTE : 1. X can be VIL or VIH.
2. WP and PRE should be biased to CMOS high or CMOS low for standby.
CLE
ALE
CE
WE
RE
WP
PRE
Mode
H
L
L
H
X
X
Read Mode
Command Input
L
H
L
H
X
X
Address Input(5clock)
H
L
L
H
H
X
Write Mode
Command Input
L
H
L
H
H
X
Address Input(5clock)
L
L
L
H
H
X
Data Input
L
L
L
H
X
X
Data Output
X
X
X
X
H
X
X
During Read(Busy)
X
X
X
X
X
H
X
During Program(Busy)
X
X
X
X
X
H
X
During Erase(Busy)
X
X(1)
X
X
X
L
X
Write Protect
X
X
H
X
X
0V/VCC(2)
0V/VCC(2)
Stand-by


Similar Part No. - K9K2G08Q0M-PIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K2G08Q0M-P SAMSUNG-K9K2G08Q0M-P Datasheet
680Kb / 39P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
More results

Similar Description - K9K2G08Q0M-PIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K2G08U0M SAMSUNG-K9K2G08U0M Datasheet
680Kb / 39P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9W4G08U1M SAMSUNG-K9W4G08U1M Datasheet
641Kb / 40P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
K9K4G08U1M SAMSUNG-K9K4G08U1M Datasheet
839Kb / 40P
   256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9W8G08U1M SAMSUNG-K9W8G08U1M Datasheet
601Kb / 38P
   512M x 8 Bit / 256M x 16 Bit NAND Flash Memory
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9K1G08R0B SAMSUNG-K9K1G08R0B Datasheet
1Mb / 41P
   128M x 8 Bit NAND Flash Memory
K9K2G08U0A SAMSUNG-K9K2G08U0A Datasheet
850Kb / 34P
   256M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com