Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G10C0000 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # G10C0000
Description  Graphic Operator Interface Panels with Modular I/O
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

G10C0000 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  G10C0000 Datasheet HTML 1Page - Red Lion Controls. Inc G10C0000 Datasheet HTML 2Page - Red Lion Controls. Inc G10C0000 Datasheet HTML 3Page - Red Lion Controls. Inc G10C0000 Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Graphite® Advanced Rugged HMIs
Red Lion Automation Series
Graphic Operator Interface Panels with Modular I/O
PRODUCT HIGHLIGHTS
> Protocol Conversion With Over 300 Drivers
> Up to Eight Plug-In I/O and Communication
Module Slots
> Built-in Web Server for Remote Access
> On-Board Data Logging to SD Card or via FTP
> Industrial Construction, Die-Cast Aluminum
Housing Provides Extreme Protection
> Wide -20° to 60°C Operating Temperature Range
> Outdoor Sunlight Readable Models Available
> Dual USB Host Capability
Graphite HMIs are the industry’s first rugged
HMI solution to combine plug-in modules with
protocol conversion, data logging and
web-based monitoring and control.
From factories to extreme locations, Graphite HMIs allow customers
to easily connect, monitor and control their processes and equipment.
Graphite HMIs provide powerful protocol conversion between 300 drivers
providing up to 13 simultaneous protocol conversions ensuring every device
is integrated. Available in eight different models with sizes ranging from 7”
to 15”, Graphite’s sleek design provides full-color touchscreen displays that
consume minimal panel space.
APPLICATIONS
> Machine Automation
> Oil and Gas
> Water/Wastewater
> Plastic Extrusion
> Data Acquisition
C
US
UL
R
LISTED
FEATURES & BENEFITS
> Plug-in I/O, PID Control and Communication Modules
• Minimizes equipment complexity with an
all-in-one solution
> Full-Color Touchscreen Display
• Outdoor sunlight readable models
• Optional widescreen
• Narrow bezel reduces installation space
> Rugged Construction
• Wide -20° to 60°C operating temperature
• High tolerance to shock and vibration
• UL Class 1, Division 2, ABS, ATEX and IECEx
approvals for hazardous locations
> Configured via Crimson® 3 Software
• Intuitive drag-and-drop graphical software for
easy setup
• Quickly create simple applications using
step-by-step process
• Over 300 built-in drivers can be mapped to PLCs,
drives and scanners in seconds
> Powerful Integration Features
• Ethernet, USB and serial ports make
communication simple
• Built-in data logging for all connected equipment
ensures equipment uptime
• Robust web server provides remote access
and control


Similar Part No. - G10C0000

ManufacturerPart #DatasheetDescription
logo
Powerbox
G10CT POWERBOX-G10CT Datasheet
564Kb / 3P
   1.5-10 WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
G10CT XPPOWER-G10CT Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results

Similar Description - G10C0000

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
G308A REDLION-G308A Datasheet
689Kb / 8P
   GRAPHIC LCD OPERATOR INTERFACE TERMINAL WITH VGA DISPLAY AND TOUCHSCREEN
logo
Holtek Semiconductor In...
HT82B40R HOLTEK-HT82B40R Datasheet
416Kb / 57P
   I/O MCU with USB Interface
HT82B40R HOLTEK-HT82B40R_11 Datasheet
392Kb / 58P
   I/O MCU with USB Interface
HT82B42R HOLTEK-HT82B42R Datasheet
3Mb / 86P
   I/O MCU with USB Interface
HT82B60R HOLTEK-HT82B60R Datasheet
489Kb / 70P
   I/O MCU with USB Interface
HT82B42R HOLTEK-HT82B42R_14 Datasheet
3Mb / 84P
   I/O MCU with USB Interface
logo
IC-Haus GmbH
IC-GD ICHAUS-IC-GD Datasheet
1,023Kb / 55P
   UNIVERSAL I/O INTERFACE
logo
SMSC Corporation
LPC47S45X SMSC-LPC47S45X_07 Datasheet
1Mb / 259P
   Advanced I/O with X-Bus Interface
LPC47S45X SMSC-LPC47S45X Datasheet
1Mb / 259P
   Advanced I/O with X-Bus Interface
logo
M-System Co.,Ltd.
R3-GE1 MSYSTEM-R3-GE1 Datasheet
198Kb / 8P
   Remote I/O R3 Series INTERFACE I/O MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com