Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS63050 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63050
Description  Single Inductor Buck-Boost With 1-A Switches and Adjustable Soft Start
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63050 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS63050 Datasheet HTML 3Page - Texas Instruments TPS63050 Datasheet HTML 4Page - Texas Instruments TPS63050 Datasheet HTML 5Page - Texas Instruments TPS63050 Datasheet HTML 6Page - Texas Instruments TPS63050 Datasheet HTML 7Page - Texas Instruments TPS63050 Datasheet HTML 8Page - Texas Instruments TPS63050 Datasheet HTML 9Page - Texas Instruments TPS63050 Datasheet HTML 10Page - Texas Instruments TPS63050 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Input Voltage (V)
TPS63051
=
,
V
I
IL
LM1
= VIH
ILM0
=
,
V
I
IH
LM1
= VIL
ILM0
=
,
V
I
IL
LM1
= VIL
ILM0
Input Voltage (V)
= 85 °C
TA
= 25 °C
TA
= -40 °C
TA
TPS63051
Input Voltage (V)
= 85 °C
TA
= 25 °C
TA
= -40 °C
TA
TPS63051
TPS63050, TPS63051
www.ti.com
SLVSAM8C – JULY 2013 – REVISED JULY 2015
7.7 Typical Characteristics
VOUT = 3.3 V
VOUT = 3.3 V
Figure 2. Minimum Average Input Current vs Input Voltage
Figure 1. Maximum Average Input Current vs Input Voltage
Figure 3. Programmable Average Input Current vs Input Voltage(1)
(1)
All options only available with the DSBGA package. For VQFN package ILIM1 is internally connected to voltage level > VIH
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS63050 TPS63051


Similar Part No. - TPS63050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63050 TI1-TPS63050 Datasheet
3Mb / 35P
[Old version datasheet]   Single Inductor Buck-Boost with 1A Switches and Adjustable Soft Start
TPS63050 TI-TPS63050 Datasheet
3Mb / 70P
[Old version datasheet]   LMX2571-EP Low-Power, High-Performance PLLatinum짰 RF Synthesizer With FSK Modulation
SNAS824 ??OCTOBER 2021
TPS63050YFFR TI1-TPS63050YFFR Datasheet
2Mb / 27P
[Old version datasheet]   SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63050YFFT TI1-TPS63050YFFT Datasheet
2Mb / 27P
[Old version datasheet]   SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63050 TI1-TPS63050_14 Datasheet
3Mb / 35P
[Old version datasheet]   Single Inductor Buck-Boost with 1A Switches and Adjustable Soft Start
More results

Similar Description - TPS63050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63051 TI1-TPS63051 Datasheet
2Mb / 27P
[Old version datasheet]   SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63050 TI1-TPS63050_14 Datasheet
3Mb / 35P
[Old version datasheet]   Single Inductor Buck-Boost with 1A Switches and Adjustable Soft Start
TPS63051 TI1-TPS63051_14 Datasheet
2Mb / 28P
[Old version datasheet]   SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI1-TPS63030_12 Datasheet
1Mb / 25P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6303x High Efficiency Single Inductor Buck-Boost Converter With 1-A Switches
TPS63000 TI-TPS63000_08 Datasheet
756Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63010 TI-TPS63010_09 Datasheet
686Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63020 TI-TPS63020_1 Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com