Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61161ADRVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61161ADRVR
Description  TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61161ADRVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61161ADRVR Datasheet HTML 7Page - Texas Instruments TPS61161ADRVR Datasheet HTML 8Page - Texas Instruments TPS61161ADRVR Datasheet HTML 9Page - Texas Instruments TPS61161ADRVR Datasheet HTML 10Page - Texas Instruments TPS61161ADRVR Datasheet HTML 11Page - Texas Instruments TPS61161ADRVR Datasheet HTML 12Page - Texas Instruments TPS61161ADRVR Datasheet HTML 13Page - Texas Instruments TPS61161ADRVR Datasheet HTML 14Page - Texas Instruments TPS61161ADRVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
VBG
200 mV
Error
Amplifier
FB
CTRL
COMP
11
TPS61160A, TPS61161A
www.ti.com
SLVS937C – MARCH 2009 – REVISED JULY 2016
Product Folder Links: TPS61160A TPS61161A
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 11. Block Diagram of Programmable FB Voltage Using PWM Signal
To use lower PWM dimming, add an external RC network connected to the FB pin as shown in Figure 15).
7.3.6 Undervoltage Lockout
An undervoltage lockout prevents operation of the device at input voltages below typical 2.2 V. When the input
voltage is below the undervoltage threshold, the device is shutdown and the internal switch FET is turned off. If
the input voltage rises by undervoltage lockout hysteresis, the IC restarts.
7.3.7 Thermal Shutdown
An internal thermal shutdown turns off the device when the typical junction temperature of 160°C is exceeded.
The device is released from shutdown automatically when the junction temperature decreases by 15°C.
7.4 Device Functional Modes
7.4.1 Operation with CTRL
When the CTRL pin is held below the VIL threshold, the device is disabled, and switching is inhibited. The IC
quiescent current is reduced in this state. When VIN is above the UVLO threshold, and the CTRL terminal is
increased above the VIH threshold the soft-start sequence initiates then the device becomes active.
7.4.2 External PWM Dimming
For assistance in selecting the proper values for Rset, R1-R3, RFLTR, CFLTR and D2 for the specific
application, refer to How to Use Analog Dimming With the TPS6116x (SLVA471) and/or Design Tool for Analog
Dimming Using a PWM Signal (http://www.ti.com/lit/zip/slvc366). Also see Choosing Component Values section
below.


Similar Part No. - TPS61161ADRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61161ADRVR TI-TPS61161ADRVR Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61161ADRVR TI1-TPS61161ADRVR Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
More results

Similar Description - TPS61161ADRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160A TI1-TPS61160A_17 Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160 TI1-TPS61160_17 Datasheet
1Mb / 39P
[Old version datasheet]   White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
logo
Texas Instruments
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
logo
Shanghai awinic technol...
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
   White LED Driver with PWM Brightness Control in Small Package
logo
Texas Instruments
TLV758P TI1-TLV758P_18 Datasheet
1Mb / 22P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
[Old version datasheet]   1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Texas Instruments
TPS746 TI1-TPS746_18 Datasheet
1Mb / 22P
[Old version datasheet]   1-A LDO With Power-Good in a Small 2-mm x 2-mm WSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com