Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61162 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61162
Description  TPS61162D Dual-Channel WLED Drivers for Smart Phones
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61162 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61162 Datasheet HTML 6Page - Texas Instruments TPS61162 Datasheet HTML 7Page - Texas Instruments TPS61162 Datasheet HTML 8Page - Texas Instruments TPS61162 Datasheet HTML 9Page - Texas Instruments TPS61162 Datasheet HTML 10Page - Texas Instruments TPS61162 Datasheet HTML 11Page - Texas Instruments TPS61162 Datasheet HTML 12Page - Texas Instruments TPS61162 Datasheet HTML 13Page - Texas Instruments TPS61162 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
ISET _ full
K
FB _ full
ISET _ full
ISET
V
I
R
=
´
10
TPS61162D
SLVSC13A – JULY 2013 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPS61162D
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Feature Description (continued)
8.3.6 Full-Scale Current Program
The dual channels of the TPS61162D can provide up to 30 mA current each — when either the EasyScale
interface or PWM interface is selected, the full-scale current (current when dimming duty cycle is 100%) of each
channel must be programmed by an external resistor RISET at ISET pin according to Equation 1.
where
IFB_full = full-scale current of each channel
KISET_full = 1030 (Current multiple when dimming duty cycle = 100%)
VISET_full = 1.229 V (ISET pin voltage when dimming duty cycle = 100%)
RISET = ISET pin resistor
(1)
8.3.7 Brightness Control
The TPS61162D controls the DC current of the dual channels to realize the brightness dimming. The DC current
control is normally referred to as analog dimming mode. When the DC current of LED diode is reduced, the
brightness is dimmed.
The TPS61162D can receive either the PWM signals at the PWM pin (PWM interface) or digital commands at
the EN pin (EasyScale interface) for brightness dimming. If the EasyScale interface is selected, the PWM pin
must be kept high; if PWM interface is selected, the EN pin must be kept high.
8.3.8 Undervoltage Lockout
An undervoltage lockout circuit prevents the operation of the device at input voltages below undervoltage
threshold (2.2 V typical). When the input voltage is below the threshold, the device is shut down. If the input
voltage rises by undervoltage lockout hysteresis, the device restarts.
8.3.9 Overvoltage Protection
Overvoltage protection circuitry prevents device damage as the result of white LED string disconnection or
shortage.
The TPS61162D monitors the voltages at the SW and IFBx pins during each switching cycle. If either SW OVP
threshold VOVP_SW or IFBx OVP threshold VOVP_FB is reached due to the LED string open or short issue, the
protection circuitry is triggered. Refer to Figure 6 and Figure 7 for the protection actions.
If one LED string is open, its IFBx pin voltage drops, and the boost output voltage is increased by the control
loop as it tries to regulate this lower IFBx voltage to the target value (90 mV typical). The current of the normally
operating string is properly regulated but its IFBx voltage rises because of the rise in output voltage. During this
process, either the SW voltage reaches the OVP threshold VOVP_SW or the IFBx voltage of the normally operating
string reaches its overvoltage threshold VOVP_FB, and the corresponding protection mechanism is triggered.
If both LED strings are open, the voltages of both IFBx pins drop to ground, and the boost output voltage is
increased by the control loop until it reaches the SW OVP threshold VOVP_SW. At that point the SW OVP
protection circuitry is triggered, and the device is latched off. Only the VIN POR pin or EN/PWM pin toggling can
restart the device.
One LED diode short in a string is allowed in the TPS61162D. If one LED diode in a string is short, the IFBx
voltage of the normal string is regulated to about 90 mV, and the IFBx pin voltage of the abnormal string is
higher. Typically with only one diode short, the higher IFBx pin voltage does not reach the IFBx OVP threshold
VOVP_FB, so the protection circuitry is not triggered.
If more than one LED diodes are short in a string, as the boost loop regulates the IFBx normal string voltage to
90 mV, the IFBx pin voltage of the abnormal string is much higher and reaches VOVP_FB — then the protection
circuitry is triggered.
SW OVP protection is also triggered when the forward voltage drop of an LED string exceeds the SW OVP
threshold. In this case, the device turns off the switch FET and shuts down.


Similar Part No. - TPS61162

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61162A TI1-TPS61162A Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phone
TPS61162A TI1-TPS61162A Datasheet
1Mb / 35P
[Old version datasheet]   TPS6116xA Dual-Channel WLED Drivers For Smart Phones
TPS61162AYFF TI1-TPS61162AYFF Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phone
TPS61162AYFFR TI1-TPS61162AYFFR Datasheet
1Mb / 35P
[Old version datasheet]   TPS6116xA Dual-Channel WLED Drivers For Smart Phones
TPS61162A TI1-TPS61162A_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6116xA Dual-Channel WLED Drivers For Smart Phones
More results

Similar Description - TPS61162

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61162D TI1-TPS61162D_16 Datasheet
1Mb / 29P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phones
TPS61162A TI1-TPS61162A_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6116xA Dual-Channel WLED Drivers For Smart Phones
TPS61162D TI-TPS61162D Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Channel WLED Drivers For Smart Phone
TPS61162A TI1-TPS61162A Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phone
TPS61163 TI-TPS61163 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers For Smart Phone
logo
Richtek Technology Corp...
RT4531 RICHTEK-RT4531 Datasheet
195Kb / 14P
   Dual Channel 10s2p WLED Drivers
logo
Rohm
BD6183GUL ROHM-BD6183GUL Datasheet
560Kb / 35P
   System LED Drivers for Mobile Phones
BD6184GUL ROHM-BD6184GUL Datasheet
603Kb / 38P
   System LED Drivers for Mobile Phones
logo
Shenzhen Huazhimei Semi...
HM3415 HMSEMI-HM3415 Datasheet
1Mb / 6P
   Cellular and Smart Phones
logo
Toshiba Semiconductor
TPCP8405 TOSHIBA-TPCP8405 Datasheet
353Kb / 14P
   Cell Phones Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com