Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS63050YFFR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63050YFFR
Description  Single Inductor Buck-Boost With 1-A Switches and Adjustable Soft Start
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63050YFFR Datasheet(HTML) 4 Page - Texas Instruments

  TPS63050YFFR Datasheet HTML 1Page - Texas Instruments TPS63050YFFR Datasheet HTML 2Page - Texas Instruments TPS63050YFFR Datasheet HTML 3Page - Texas Instruments TPS63050YFFR Datasheet HTML 4Page - Texas Instruments TPS63050YFFR Datasheet HTML 5Page - Texas Instruments TPS63050YFFR Datasheet HTML 6Page - Texas Instruments TPS63050YFFR Datasheet HTML 7Page - Texas Instruments TPS63050YFFR Datasheet HTML 8Page - Texas Instruments TPS63050YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TPS63050, TPS63051
SLVSAM8C – JULY 2013 – REVISED JULY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over junction temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN, L1, EN, VOUT, FB, VINA, PFM/PWM
–0.3
7
Voltage(2)
L2(3)
–0.3
7
V
L2(4)
–0.3
9.5
Operating junction temperature, TJ
–40
150
°C
Operating ambient temperature, TA
–40
85
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground pin.
(3)
DC voltage rating.
(4)
AC voltage rating.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1500
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±700
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
See (1)
MIN
NOM MAX
UNIT
VIN
Input voltage
2.5
5.5
V
IOUT
Output current
0.5
A
L
Inductance(2)
1
1.5
2.2
µH
COUT
Output capacitance(3)
10
µF
TA
Operating ambient temperature
–40
85
°C
TJ
Operating virtual junction temperature
–40
125
°C
(1)
Refer to the Application Information section for further information
(2)
Effective inductance value at operating condition. The nominal value given matches a typical inductor to be chosen to meet the
inductance required.
(3)
Due to the DC bias effect of ceramic capacitors, the effective capacitance is lower then the nominal value when a voltage is applied.
This is why the capacitance is specified to allow the selection of the nominal capacitor required with the DC bias effect for this type of
capacitor. The nominal value given matches a typical capacitor to be chosen to meet the minimum capacitance required.
7.4 Thermal Information
TPS6305x
THERMAL METRIC(1)
WCSP
RMW
UNIT
12 PINS
12 PINS
RθJA
Junction-to-ambient thermal resistance
89.9
37.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.7
30.4
°C/W
RθJB
Junction-to-board thermal resistance
43.9
8.0
°C/W
ψJT
Junction-to-top characterization parameter
2.9
0.4
°C/W
ψJB
Junction-to-board characterization parameter
43.7
7.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
2.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPS63050 TPS63051


Similar Part No. - TPS63050YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63050YFFR TI1-TPS63050YFFR Datasheet
2Mb / 27P
[Old version datasheet]   SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
More results

Similar Description - TPS63050YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63051 TI1-TPS63051 Datasheet
2Mb / 27P
[Old version datasheet]   SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63050 TI1-TPS63050_14 Datasheet
3Mb / 35P
[Old version datasheet]   Single Inductor Buck-Boost with 1A Switches and Adjustable Soft Start
TPS63051 TI1-TPS63051_14 Datasheet
2Mb / 28P
[Old version datasheet]   SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI1-TPS63030_12 Datasheet
1Mb / 25P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6303x High Efficiency Single Inductor Buck-Boost Converter With 1-A Switches
TPS63000 TI-TPS63000_08 Datasheet
756Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63010 TI-TPS63010_09 Datasheet
686Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63020 TI-TPS63020_1 Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com