Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61175-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS61175-Q1
Description  TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61175-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61175-Q1_16 Datasheet HTML 5Page - Texas Instruments TPS61175-Q1_16 Datasheet HTML 6Page - Texas Instruments TPS61175-Q1_16 Datasheet HTML 7Page - Texas Instruments TPS61175-Q1_16 Datasheet HTML 8Page - Texas Instruments TPS61175-Q1_16 Datasheet HTML 9Page - Texas Instruments TPS61175-Q1_16 Datasheet HTML 10Page - Texas Instruments TPS61175-Q1_16 Datasheet HTML 11Page - Texas Instruments TPS61175-Q1_16 Datasheet HTML 12Page - Texas Instruments TPS61175-Q1_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
SW
Ramp
Generator
Oscillator
Current
Sensor
EN
PGND
C4
L1
+
EA
R2
C2
VIN
Copyright © 2016,Texas Instruments Incorporated
COMP
R1
R3
R4
C3
SS
FREQ
SYNC
FB
FB
Gate
Driver
C1
AGND
D1
1.229 V
Reference
PWM Control
9
TPS61175-Q1
www.ti.com
SLVSCN9A – DECEMBER 2014 – REVISED APRIL 2016
Product Folder Links: TPS61175-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Switching Frequency
The switch frequency is set by a resistor (R4) connected to the FREQ pin of the TPS61175-Q1. Do not leave this
pin open. A resistor must always be connected for proper operation. See Table 1 and Figure 7 for resistor values
and corresponding frequencies.
Table 1. Switching Frequency vs External Resistor
R4 (k
Ω)
fSW (kHz)
443
240
256
400
176
600
80
1200
51
2000


Similar Part No. - TPS61175-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61175-Q1 TI-TPS61175-Q1_15 Datasheet
988Kb / 28P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
More results

Similar Description - TPS61175-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61175-Q1 TI-TPS61175-Q1_15 Datasheet
988Kb / 28P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175 TI-TPS61175 Datasheet
811Kb / 23P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175 TI-TPS61175_11 Datasheet
690Kb / 24P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
logo
Monolithic Power System...
MP3426 MPS-MP3426 Datasheet
388Kb / 15P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO
MP3425 MPS-MP3425 Datasheet
720Kb / 13P
   3A, 55V Boost Converter with Programmable Switching Frequency and UVLO
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
logo
Texas Instruments
TPS74901 TI1-TPS74901_16 Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
logo
Linear Technology
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com