Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2760M5X Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2760M5X
Description  3.3V Regulated Switched Capacitor Voltage Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2760M5X Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2760M5X Datasheet HTML 2Page - National Semiconductor (TI) LM2760M5X Datasheet HTML 3Page - National Semiconductor (TI) LM2760M5X Datasheet HTML 4Page - National Semiconductor (TI) LM2760M5X Datasheet HTML 5Page - National Semiconductor (TI) LM2760M5X Datasheet HTML 6Page - National Semiconductor (TI) LM2760M5X Datasheet HTML 7Page - National Semiconductor (TI) LM2760M5X Datasheet HTML 8Page - National Semiconductor (TI) LM2760M5X Datasheet HTML 9Page - National Semiconductor (TI) LM2760M5X Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Application Information (Continued)
is illustrated in Figure 1, which graphs of output voltage
ripple versus input voltage for a few different output capaci-
tor values.
In addition to the amount of output capacitance present, the
ESR of the output capacitor also affects output voltage
ripple. A low-ESR ceramic capacitor is recommended on the
output to keep output voltage ripple low. Placing multiple
capacitors is parallel can reduce ripple significantly, both by
increasing capacitance and reducing ESR. When capacitors
are in parallel, ESR is in parallel as well. The effective net
ESR is determined according to the properties of parallel
resistance. Two identical capacitors in parallel have twice the
capacitance and half the ESR as compared to a single
capacitor of the same make. On a similar note, if a large-
value, high-ESR capacitor (tantalum, for example) is to be
used as the primary output capacitor, the net output ESR can
be significantly reduced by placing a low-ESR ceramic ca-
pacitor in parallel with this primary output capacitor.
CAPACITORS
The LM2760 requires 3 external capacitors for proper opera-
tion. Surface-mount multi-layer ceramic capacitors are rec-
ommended. These capacitors are small, inexpensive and
have very low equivalent series resistance (
≤10mΩ typ.).
Tantalum capacitors, OS-CON capacitors, and aluminum
electrolytic capacitors generally are not recommended for
use with the LM2760 due to their high ESR, as compared to
ceramic capacitors.
For most applications, ceramic capacitors with X7R or X5R
temperature characteristic are preferred for use with the
LM2760. These capacitors have tight capacitance tolerance
(as good as +/-10%), hold their value over temperature
(X7R: +/-15% over -55oC to +125oC; X5R: +/-15% over
-55oCto+85oC), and typically have little voltage coefficient.
Capacitors with Y5V and/or Z5U temperature characteristic
are generally not recommended. These types of capacitors
typically have wide capacitance tolerance (+80%, -20%),
vary significantly over temperature (Y5V: +22%, -82% over
-35oCto+85oC; Z5U: +22%, -56% over -10oCto+85oC), and
have poor voltage coefficients. Under some conditions, a
nominally 1µF Y5V or Z5U capacitor could have a capaci-
tance of only 0.1µF. Such detrimental deviation is likely to
cause these Y5V and Z5U of capacitors to fail to meet the
minimum capacitance requirements of the LM2760.
The table below lists some leading ceramic capacitor manu-
facturers.
Manufacturer
Contact Information
TDK
www.component.tdk.com
AVX
www.avx.com
Murata
www.murata.com
Taiyo-Yuden
www.t-yuden.com
Vishay-Vitramon
www.vishay.com
INPUT CAPACITORS
The input capacitor (C
IN) is used as a reservoir of charge,
helping to quickly transfer charge to the flying capacitor
during the charge phase (ø1) of operation. The input capaci-
tor helps to keep the input voltage from drooping at the start
of the charge phase, when the flying capacitor is first con-
nected to the input, and helps to filter noise on the input pin
that could adversely affect sensitive internal analog circuitry
biased off the input line. As mentioned above, an X7R/X5R
ceramic capacitor is recommended for use. An input capaci-
tance of 4.7µF is recommended. It may be possible to re-
duce this value in applications where the maximum output
current is significantly less than 20mA. A smaller input ca-
pacitance typically results in higher input voltage ripple,
which may also show up as higher output voltage ripple as
well.
FLYING CAPACITORS
The flying capacitor (C
FLY) transfers charge from the input to
the output, providing the voltage boost of the doubler. A
polarized capacitor (tantalum, aluminum electrolytic, etc.)
must not be used here, as the capacitor will be reverse-
biased upon start-up of the LM2760. For most applications, a
0.1µF X7R/X5R ceramic capacitor is recommended for C
FLY.
Smaller flying capacitance typically will reduce the output
current capability of the part. The ESR also affects the output
current capability of the LM2760. For optimal performance, a
low-ESR ceramic capacitor (< 10m
Ω typ.) should be used.
Larger flying capacitance may increase output current capa-
bility, but it comes with the drawback of typically increasing
the magnitude of the output voltage ripple.
OUTPUT CAPACITOR
Both output capacitance and ESR of the LM2760 output
capacitor affect output voltage ripple. A low-ESR X7R/X5R
ceramic capacitor is the capacitor of choice for the LM2760
output. An output capacitance of 10µF is recommended for
most applications. Reducing output capacitance typically in-
creases output voltage ripple. In applications where the
maximum output current is significantly less than 20mA,
output voltage ripple is less of a concern and it may be
desirable to reduce the output capacitance.
POWER EFFICIENCY
Efficiency of the LM2760 mirrors that of an unregulated
switched capacitor converter cascaded with a linear regula-
tor when more-than nominal output current is present (
20044306
FIGURE 1. Output Voltage Ripple vs. Input Voltage
(T
A =25
oC)
I
OUT = 10mA, TA =25
oC
Top: C
OUT = 4.7µF
Mid: C
OUT = 10µF
Bottom: C
OUT = 22µF
www.national.com
8


Similar Part No. - LM2760M5X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2765 NSC-LM2765 Datasheet
208Kb / 9P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2765 TI-LM2765 Datasheet
904Kb / 14P
[Old version datasheet]   LM2765 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2765M6 NSC-LM2765M6 Datasheet
208Kb / 9P
   Switched Capacitor Voltage Converter
LM2765M6X NSC-LM2765M6X Datasheet
208Kb / 9P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2765M6X/NOPB TI-LM2765M6X/NOPB Datasheet
904Kb / 14P
[Old version datasheet]   LM2765 Switched Capacitor Voltage Converter
More results

Similar Description - LM2760M5X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2686 NSC-LM2686 Datasheet
204Kb / 8P
   Regulated Switched Capacitor Voltage Converter
LM2685 NSC-LM2685 Datasheet
244Kb / 9P
   Dual Output Regulated Switched Capacitor Voltage Converter
logo
Analog Devices
ADP3604 AD-ADP3604_15 Datasheet
127Kb / 8P
   Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3604 AD-ADP3604 Datasheet
143Kb / 8P
   Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3603 AD-ADP3603_15 Datasheet
143Kb / 8P
   Switched Capacitor Voltage Converter with Regulated Output
REV. 0
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2750 NSC-LM2750 Datasheet
370Kb / 15P
   Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
logo
Linear Technology
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com