Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61230A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61230A
Description  TPS61230A 5-V / 6-A High Efficiency Step-Up Converter in 2.0-mm x 2.0-mm VQFN Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61230A Datasheet(HTML) 5 Page - Texas Instruments

  TPS61230A Datasheet HTML 1Page - Texas Instruments TPS61230A Datasheet HTML 2Page - Texas Instruments TPS61230A Datasheet HTML 3Page - Texas Instruments TPS61230A Datasheet HTML 4Page - Texas Instruments TPS61230A Datasheet HTML 5Page - Texas Instruments TPS61230A Datasheet HTML 6Page - Texas Instruments TPS61230A Datasheet HTML 7Page - Texas Instruments TPS61230A Datasheet HTML 8Page - Texas Instruments TPS61230A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
TPS61230A
www.ti.com
SLVSCZ5A – JULY 2016 – REVISED AUGUST 2016
Product Folder Links: TPS61230A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.5 Electrical Characteristics
TJ = -40 °C to 125 °C and VIN = 3.6 V. Typical values are at TJ = 25 °C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
VIN
Input voltage range
2.5
4.5
V
VVIN_UVLO
Input under voltage lockout
VIN rising
2.5
V
VVIN_HYS
VIN UVLO hysteresis
150
mV
IQ_VIN
Quiescent current into VIN pin
IC enabled, No load , No Switching, VOUT = 5 V,
VIN = 4.2 V
20
50
µA
IQ_VOUT
Quiescent current into VOUT pin
IC enabled, No load, No Switching VOUT = 5 V
25
55
µA
ISD
Shutdown current into VIN
IC disabled, TJ < 85°C, VIN = 4.2 V
0.2
1
µA
Output
VOUT
Output voltage range
2.5
5.5
V
VFB_PWM
Feedback voltage
PWM mode
1.171
1.195
1.219
V
VFB_PFM
Feedback voltage
PFM mode
101.2
% VFB
VOVP
Output overvoltage protection threshold
5.7
5.8
5.99
V
ILKG_FB
Leakage current into FB pin
VFB = 1.2 V
20
nA
Power Switch
RDS(on)
High-side MOSFET on resistance
VIN = 3.6 V, VOUT = 5 V, CBST = 10 nF,
18
35
m
RDS(on)
Low-side MOSFET on resistance
VIN = 3.6 V, VOUT = 5 V, CBST = 10 nF
21
36
m
fsw
Switching frequency
VIN = 3.6 V, VOUT = 5 V, PWM Operation
805
1150
1495
kHz
tON_min
Minimum on time
180
ns
ILIM_PRE
Pre-charge mode and short circuit
current limit (DC charge mode)
Linear mode, VOUT = 2.5 V
1.02
A
Linear mode, VOUT = 0 V
0.06
0.6
A
ILIMIT
Switching valley current limit
4.8
6.3
7.8
A
tstartup
Soft Start time (boost)
VIN = 3.6 V, VOUT = 5 V
0.3
1.05
1.9
ms
TSD
Thermal shutdown threshold
TJ rising
160
°C
Thermal shutdown hysteresis
TJ falling below TSD
10
°C
Protection
THC_OFF
Time for the hiccup off time
VIN = 3.6 V
23
ms
THC_ON
Time for the hiccup on time
VIN = 3.6 V
3.5
ms
Logic Interface
VEN_H
EN Logic high threshold
1.0
V
VEN_L
EN Logic low threshold
0.4
V
ILKG_EN
EN pin input leakage current
Connected to 3.6V VIN
0.1
0.3
µA


Similar Part No. - TPS61230A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61230 TI1-TPS61230 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
TPS61230DRCR TI1-TPS61230DRCR Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
TPS61230DRCT TI1-TPS61230DRCT Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
TPS61230 TI-TPS61230_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
TPS61230 TI1-TPS61230_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
More results

Similar Description - TPS61230A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61089 TI1-TPS61089 Datasheet
1Mb / 29P
[Old version datasheet]   TPS61089x 12.6-V, 7-A Fully-Integrated Synchronous Boost Converters in 2.0-mm x 2.5-mm VQFN Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
[Old version datasheet]   High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
logo
ILSI America LLC
I587 ILSI-I587 Datasheet
87Kb / 2P
   2.0 mm x 2.5 mm Ceramic Package SMD TCXO
I583 ILSI-I583 Datasheet
53Kb / 2P
   2.0 mm x 2.5 mm Ceramic Package SMD TCXO
logo
TEMEX
RXO2520P TEMEX-RXO2520P Datasheet
591Kb / 7P
   High Performance XO in 2.5 x 2.0 mm Surface Mount package
logo
Texas Instruments
TLV62585 TI1-TLV62585_18 Datasheet
1Mb / 25P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
TLV62585 TI1-TLV62585 Datasheet
735Kb / 19P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
logo
Panasonic Semiconductor
LN242RPH PANASONIC-LN242RPH Datasheet
32Kb / 1P
   5.0 mm X 2.0 mm Series
LN242RPX PANASONIC-LN242RPX Datasheet
31Kb / 1P
   5.0 mm X 2.0 mm Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com