Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61235P Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61235P
Description  TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61235P Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61235P Datasheet HTML 4Page - Texas Instruments TPS61235P Datasheet HTML 5Page - Texas Instruments TPS61235P Datasheet HTML 6Page - Texas Instruments TPS61235P Datasheet HTML 7Page - Texas Instruments TPS61235P Datasheet HTML 8Page - Texas Instruments TPS61235P Datasheet HTML 9Page - Texas Instruments TPS61235P Datasheet HTML 10Page - Texas Instruments TPS61235P Datasheet HTML 11Page - Texas Instruments TPS61235P Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Input Voltage (V)
2.7
3
3.3
3.6
3.9
4.2
4.5
0
0.5
1
1.5
2
2.5
3
3.5
D001
RCC = 41.2 k:
RCC = 61.9 k:
RCC = 124 k:
Ambient Temperature (qC)
-20
0
20
40
60
80
100
1.8
1.85
1.9
1.95
2
2.05
2.1
2.15
2.2
D001
Input Voltage (V)
2.7
3
3.3
3.6
3.9
4.2
4.5
7.7
7.8
7.9
8
8.1
8.2
8.3
D001
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
7
7.5
8
8.5
9
D001
Output Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
D001
TA = 85qC
TA = 25qC
TA = -40qC
Input Voltage (V)
2
2.5
3
3.5
4
4.5
5
0
1
2
3
4
5
D001
8
TPS61235P, TPS61236P
SLVSCK4A – SEPTEMBER 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPS61235P TPS61236P
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
VIN = 3.6 V, VOUT = 5.0 V, TJ = –40°C to 125 °C, unless otherwise noted.
3.6-V Input
Figure 7. DC Pre-Charge Current vs Output Voltage
VOUT = 5.1 V (TPS61235P), CC pin connected to GND, TA = 25°C
Figure 8. Minimum Load Resistance at Startup
TA = 25°C
Figure 9. Current Limit vs Input Voltage
VIN = 3.6 V
Figure 10. Current Limit vs Ambient Temperature
VOUT = 5.1 V (TPS61235P), TA = 25°C
Figure 11. Constant Output Current vs Input Voltage
VOUT = 5.1 V (TPS61235P), RCC = 61.9 kΩ (CC current set to 2 A)
Figure 12. Constant Output Current vs Ambient
Temperature


Similar Part No. - TPS61235P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61235 TI-TPS61235_15 Datasheet
914Kb / 36P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
More results

Similar Description - TPS61235P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61235 TI-TPS61235_15 Datasheet
914Kb / 36P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
logo
Analog Devices
ADP1870 AD-ADP1870 Datasheet
1Mb / 44P
   Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
logo
Shenzhen Huazhimei Semi...
HM3441 HMSEMI-HM3441 Datasheet
241Kb / 8P
   Synchronous Buck-Boost DC/DC Constant Output Current Regulator
logo
Analog Devices
ADP1874 AD-ADP1874 Datasheet
2Mb / 44P
   Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
logo
Texas Instruments
TPS61260 TI1-TPS61260_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
TPS61260 TI-TPS61260_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
logo
Linear Technology
LT8710 LINER-LT8710_15 Datasheet
646Kb / 44P
   Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
LT8710 LINER-LT8710 Datasheet
646Kb / 44P
   Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
logo
ADDtek Corp
A723 ADDTEK-A723 Datasheet
76Kb / 1P
   HIGH VOLTAGE BOOST DRIVER WITH 8 CHANNELS CONSTANT CURRENT REGULATORS
FEBRUARY 2009
logo
Texas Instruments
TPS61230 TI1-TPS61230_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com