Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61235PRWLR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61235PRWLR
Description  TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61235PRWLR Datasheet(HTML) 3 Page - Texas Instruments

  TPS61235PRWLR Datasheet HTML 1Page - Texas Instruments TPS61235PRWLR Datasheet HTML 2Page - Texas Instruments TPS61235PRWLR Datasheet HTML 3Page - Texas Instruments TPS61235PRWLR Datasheet HTML 4Page - Texas Instruments TPS61235PRWLR Datasheet HTML 5Page - Texas Instruments TPS61235PRWLR Datasheet HTML 6Page - Texas Instruments TPS61235PRWLR Datasheet HTML 7Page - Texas Instruments TPS61235PRWLR Datasheet HTML 8Page - Texas Instruments TPS61235PRWLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
PGND
SW
VIN
INACT
VOUT
1
2
3
4
5
6
7
9
8
3
TPS61235P, TPS61236P
www.ti.com
SLVSCK4A – SEPTEMBER 2015 – REVISED MAY 2016
Product Folder Links: TPS61235P TPS61236P
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
5 Device Comparison Table
PART NUMBER
OUTPUT VOLTAGE
TPS61235P
5.1 V
TPS61236P
Adjustable
6 Pin Configuration and Functions
RWL Package
9-Pin VQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NUMBER
PGND
1
PWR
Power ground.
SW
2
PWR
The switch pin of the boost converter. It is connected to the drain of the internal Power MOSFETs.
VIN
3
I
IC power supply input.
CC
4
I
Constant output current programming pin. Connect a resistor to this pin to program the constant output
current. A capacitor should be connected in parallel to stabilize the control loop. Connect this pin to the
AGND pin to disable the constant output current function.
AGND
5
I/O
Analog ground.
FB
6
I
Voltage feedback pin of adjustable version (TPS61236P). Must be connected to VOUT pin on fixed
output voltage version (TPS61235).
EN
7
I
Enable logic input. Logic high enables the device. Logic low disables the device and puts it in
shutdown mode. This pin must be terminated and cannot be left floating. An external pull down resistor
connected to this pin is recommended.
INACT
8
O
Load status indication. Open drain output. Can be left float or connected to AGND pin if not used.
VOUT
9
PWR
Boost converter output.


Similar Part No. - TPS61235PRWLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61235 TI-TPS61235_15 Datasheet
914Kb / 36P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
More results

Similar Description - TPS61235PRWLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61235 TI-TPS61235_15 Datasheet
914Kb / 36P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
logo
Analog Devices
ADP1870 AD-ADP1870 Datasheet
1Mb / 44P
   Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
logo
Shenzhen Huazhimei Semi...
HM3441 HMSEMI-HM3441 Datasheet
241Kb / 8P
   Synchronous Buck-Boost DC/DC Constant Output Current Regulator
logo
Analog Devices
ADP1874 AD-ADP1874 Datasheet
2Mb / 44P
   Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
logo
Texas Instruments
TPS61260 TI1-TPS61260_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
TPS61260 TI-TPS61260_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
logo
Linear Technology
LT8710 LINER-LT8710_15 Datasheet
646Kb / 44P
   Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
LT8710 LINER-LT8710 Datasheet
646Kb / 44P
   Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
logo
ADDtek Corp
A723 ADDTEK-A723 Datasheet
76Kb / 1P
   HIGH VOLTAGE BOOST DRIVER WITH 8 CHANNELS CONSTANT CURRENT REGULATORS
FEBRUARY 2009
logo
Texas Instruments
TPS61230 TI1-TPS61230_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com