Electronic Components Datasheet Search |
|
TPS61235 Datasheet(PDF) 7 Page - Texas Instruments |
|
TPS61235 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 38 page Ambient Temperature (qC) -40 -20 0 20 40 60 80 0 5 10 15 20 25 D001 Output Voltage (V) 0 1 2 3 4 5 0 0.5 1 1.5 2 2.5 3 D001 VIN = 2.7 V VIN = 3.6 V VIN = 4.5 V Output Current (A) 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 60 65 70 75 80 85 90 95 100 D001 2.7 V Input 3.3 V Input 3.6 V Input 4.2 V Input Input Voltage (V) 2.5 3 3.5 4 4.5 5 10 12 14 16 18 20 D001 Output Current (A) 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 60 65 70 75 80 85 90 95 100 D001 2.7 V Input 3.3 V Input 3.6 V Input Output Current (A) 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 60 65 70 75 80 85 90 95 100 D001 2.7 V Input 3.3 V Input 3.6 V Input 4.2 V Input 7 TPS61235P, TPS61236P www.ti.com SLVSCK4A – SEPTEMBER 2015 – REVISED MAY 2016 Product Folder Links: TPS61235P TPS61236P Submit Documentation Feedback Copyright © 2015–2016, Texas Instruments Incorporated 7.6 Typical Characteristics VIN = 3.6 V, VOUT = 5.0 V, TJ = –40°C to 125 °C, unless otherwise noted. VOUT = 4.5 V (TPS61236P), CC pin connected to GND Figure 1. Efficiency vs Output Current with Different Inputs VOUT = 5.1 V (TPS61235P), CC pin connected to GND Figure 2. Efficiency vs Output Current with Different Inputs VOUT = 5.5 V (TPS61236P), CC pin connected to GND Figure 3. Efficiency vs Output Current with Different Inputs VOUT = 5.1 V (TPS61235P), No Load, TA = 25°C Figure 4. No Load Supply Current vs Input Voltage VOUT = 5.1 V (TPS61235P), VIN = 3.6 V, No Load Figure 5. No Load Supply Current vs Ambient Temperature TA = 25°C Figure 6. DC Pre-Charge Current vs Output Voltage |
Similar Part No. - TPS61235 |
|
Similar Description - TPS61235 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |