Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61282A Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS61282A
Description  TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61282A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61282A Datasheet HTML 4Page - Texas Instruments TPS61282A Datasheet HTML 5Page - Texas Instruments TPS61282A Datasheet HTML 6Page - Texas Instruments TPS61282A Datasheet HTML 7Page - Texas Instruments TPS61282A Datasheet HTML 8Page - Texas Instruments TPS61282A Datasheet HTML 9Page - Texas Instruments TPS61282A Datasheet HTML 10Page - Texas Instruments TPS61282A Datasheet HTML 11Page - Texas Instruments TPS61282A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
TPS61280A, TPS61281A, TPS61282A
SLVSCG9A – MAY 2014 – REVISED SEPTEMBER 2014
www.ti.com
Electrical Characteristics (continued)
Minimum and maximum values are at VIN = 2.3V to 4.85V, VOUT = 3.4V (or VIN, whichever is higher), EN = 1.8V, VSEL =
1.8V, nBYP = 1.8V, –40°C
≤ TJ ≤ 125°C; Circuit of Parameter Measurement Information section (unless otherwise noted).
Typical values are at VIN = 3.2V, VOUT = 3.4V, EN = 1.8V, TJ = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power-save mode
PFM operation, IOUT = 1mA
30
mVpk
output ripple voltage
ΔVOUT
TPS6128xA
PWM mode output ripple voltage
PWM operation, IOUT = 500mA
15
mVpk
POWER SWITCH
Low-side switch MOSFET
VIN = 3.2, VOUT = 3.5V
45
80
m
on resistance
High-side rectifier MOSFET
rDS(on)
TPS6128xA
VIN = 3.2V, VOUT = 3.5V
40
70
m
on resistance
High-side pass-through MOSFET
VIN = 3.2V
35
60
m
on resistance
EN = AGND, VIN = VOUT = SW = 3.5V
Reverse leakage current into SW
0.1
2
µA
–40°C
≤ TJ ≤ 85°C
Ilkg
TPS6128xA
EN = BYP = VIN, VIN = 2.9V, VOUT = 4.4V, VSW = 0V
Reverse leakage current into
device not switching
0.11
2
µA
VOUT
–40°C
≤ TJ ≤ 85°C
ISINK
VOUT sink capability
TPS6128xA
EN = AGND, VOUT ≤ 3.6V,IOUT = -10mA
0.3
V
TPS61280A
VIN = 2.9V, VOUT = 3.5V, –40°C ≤ TJ ≤ 125°C, auto
Valley inductor current limit
2475
3000
3525
mA
TPS61281A
PFM/PWM
VIN = 2.9V, VOUT = 3.5V, –40°C ≤ TJ ≤ 125°C, auto
Valley inductor current limit
TPS61282A
3300
4000
4700
mA
PFM/PWM
EN = BYP = GND, VIN = 3.2V
5000
mA
Pass through mode current limit
TPS6128xA
EN = VIN, BYP = don't care , VIN = 3.2V
5600
7400
9100
mA
Pre-charge mode current limit
500
650
mA
(linear mode, phase 1)
TPS6128xA
VIN - VOUT >= 300mV
Pre-charge mode current limit
2000
mA
(linear mode, phase 2)
OSCILLATOR
fOSC
Oscillator frequency
TPS6128xA
VIN = 2.7V, VOUT = 3.5
2.3
MHz
THERMAL SHUTDOWN, HOT DIE DETECTOR
Thermal shutdown(1)
TPS6128xA
140
160
°C
Hot die detector accuracy(1)
TPS61280A
-10
105
+10
°C
TIMING
VIN = 3.2V, VOUT_TH = 01011 (3.4V), RLOAD = 50Ω
Start-up time
TPS6128xA
500
µs
Time from active VIN to VOUT settled
GPIO rise time(1)
TPS61280A
200
ns
(1)
Specified by characterization. Not tested in production.
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS61280A TPS61281A TPS61282A


Similar Part No. - TPS61282A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61282 TI1-TPS61282 Datasheet
2Mb / 58P
[Old version datasheet]   Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61282 TI-TPS61282 Datasheet
2Mb / 55P
[Old version datasheet]   TPS6128x Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61282D TI1-TPS61282D Datasheet
2Mb / 57P
[Old version datasheet]   Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61282D TI1-TPS61282D Datasheet
2Mb / 57P
[Old version datasheet]   Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61282D TI1-TPS61282D Datasheet
3Mb / 63P
[Old version datasheet]   TPS6128xD/E Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
REVISED JUNE 2023
More results

Similar Description - TPS61282A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61280A TI-TPS61280A_15 Datasheet
2Mb / 54P
[Old version datasheet]   TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
logo
Anpec Electronics Corop...
APW7281 ANPEC-APW7281 Datasheet
296Kb / 23P
   Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
logo
Texas Instruments
TPS61280 TI1-TPS61280 Datasheet
2Mb / 58P
[Old version datasheet]   Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280 TI-TPS61280_15 Datasheet
2Mb / 55P
[Old version datasheet]   TPS6128x Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280D TI1-TPS61280D Datasheet
2Mb / 57P
[Old version datasheet]   Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280D TI1-TPS61280D_18 Datasheet
2Mb / 57P
[Old version datasheet]   Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280D TI1-TPS61280D_V01 Datasheet
3Mb / 63P
[Old version datasheet]   TPS6128xD/E Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
REVISED JUNE 2023
logo
Renesas Technology Corp
ISL94201 RENESAS-ISL94201 Datasheet
801Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Intersil Corporation
ISL94201 INTERSIL-ISL94201 Datasheet
301Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Renesas Technology Corp
ISL94200 RENESAS-ISL94200 Datasheet
1Mb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com