Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61291 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61291
Description  TPS61291 Low Iq Boost Converter with Bypass Operation
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61291 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61291 Datasheet HTML 3Page - Texas Instruments TPS61291 Datasheet HTML 4Page - Texas Instruments TPS61291 Datasheet HTML 5Page - Texas Instruments TPS61291 Datasheet HTML 6Page - Texas Instruments TPS61291 Datasheet HTML 7Page - Texas Instruments TPS61291 Datasheet HTML 8Page - Texas Instruments TPS61291 Datasheet HTML 9Page - Texas Instruments TPS61291 Datasheet HTML 10Page - Texas Instruments TPS61291 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
P
VOUT
EN/BYP
SW
Rectifying
Switch
Overvoltage
Protection
Bypass
Switch
Startup Circuit
VIN
Control Logic
Thermal Shutdown
Undervoltage
Lockout
Driver
GND
Main
Switch
Vref
integrated FB divider
network with disconnect
BYP/EN
VSEL
Bypass Switch
Control
VOUT
VIN
Current
Sense
Voltage Error
Amplifier
N
N
Reference Vref
VIN
TPS61291
www.ti.com
SLVSBX9A – SEPTEMBER 2014 – REVISED SEPTEMBER 2014
7 Detailed Description
7.1 Overview
The TPS61291 provides two operating modes: high efficiency boost mode to generate an output voltage higher
than the input voltage and bypass mode, which connects the output of the device directly to the input.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Bypass / Boost Mode Operation EN/BYP
The EN/BYP pin selects the operating mode of the device. With the EN/BYP pin pulled low, the device operates
in bypass mode. With a high level on the EN/BYP pin, the device operates as a boost converter. The EN/BYP
pin is usually controlled by an I/O pin of a MCU, powered from the output of the TPS61291 and should not be left
floating. See Figure 8. See also sections Boost Mode Operation and Bypass Mode Operation for more detailed
descriptions.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS61291


Similar Part No. - TPS61291

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61291EVM-569 TI-TPS61291EVM-569 Datasheet
368Kb / 11P
[Old version datasheet]   TPS61291EVM-569 Evaluation Module
TPS61291 TI-TPS61291_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS61291 Low Iq Boost Converter with Bypass Operation
More results

Similar Description - TPS61291

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61291 TI-TPS61291_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS61291 Low Iq Boost Converter with Bypass Operation
logo
Microchip Technology
MCP1641X MICROCHIP-MCP1641X Datasheet
1Mb / 44P
   Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
02/28/20
MCP1641X MICROCHIP-MCP1641X_V01 Datasheet
1Mb / 44P
   Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
Revision D September 2021
logo
Renesas Technology Corp
ISL9122A RENESAS-ISL9122A Datasheet
873Kb / 29P
   Ultra-Low IQ Buck-Boost Regulator With Bypass
Mar 17, 2022
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
   Low Iq Synchronous Boost Converter with Output Disconnect
logo
Renesas Technology Corp
ISL9123 RENESAS-ISL9123 Datasheet
764Kb / 24P
   Ultra-Low IQ Buck Regulator with Bypass
Jan 19, 2023
logo
Linear Technology
LT8362 LINER-LT8362 Datasheet
2Mb / 32P
   Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
LT8361 LINER-LT8361 Datasheet
1Mb / 28P
   Low IQ Boost/SEPIC/ Inverting Converter with 2A, 100V Switch
logo
Analog Devices
LT8365 AD-LT8365 Datasheet
2Mb / 30P
   Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
Rev. A
LT8334 AD-LT8334 Datasheet
1Mb / 24P
   Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com