Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61300YFFT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61300YFFT
Description  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61300YFFT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61300YFFT Datasheet HTML 6Page - Texas Instruments TPS61300YFFT Datasheet HTML 7Page - Texas Instruments TPS61300YFFT Datasheet HTML 8Page - Texas Instruments TPS61300YFFT Datasheet HTML 9Page - Texas Instruments TPS61300YFFT Datasheet HTML 10Page - Texas Instruments TPS61300YFFT Datasheet HTML 11Page - Texas Instruments TPS61300YFFT Datasheet HTML 12Page - Texas Instruments TPS61300YFFT Datasheet HTML 13Page - Texas Instruments TPS61300YFFT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
Sr P
Sr
tfDA
trDA
thd;DAT
tsu;STA
thd;STA
tsu;DAT
tsu;STO
trCL1
tfCL
tHIGH
tLOW
tLOW
tHIGH
trCL
trCL1
=MCSCurrentSourcePull-Up
=R(P) ResistorPull-Up
SDAH
SCLH
NoteA:FirstrisingedgeoftheSCLHsignalafterSrandaftereachacknowledgebit.
SeeNoteA
SeeNoteA
tf
tLOW
tr
thd;STA
thd;DAT
tsu;DAT
tf
HIGH
tsu;STA
S
Sr
P
S
thd;STA
tr
tBUF
tsu;STO
SDA
SCL
10
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
SLVS957E – JUNE 2009 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Figure 2. Serial Interface Timing for F/S-Mode
Figure 3. Serial Interface Timing for HS-Mode


Similar Part No. - TPS61300YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61300 TI-TPS61300 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI-TPS61300 Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
More results

Similar Description - TPS61300YFFT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1650 AD-ADP1650_1 Datasheet
74Kb / 2P
   1.5 A LED Fiash Driver with I2C-Compatible Interface
REV. A
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
   1.0 A LED Flash Driver with I2C-Compatible Interface
Rev. 0
logo
Texas Instruments
TPS61325 TI-TPS61325 Datasheet
2Mb / 62P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61305YFFT TI-TPS61305YFFT Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI-TPS61300 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310 Datasheet
1Mb / 51P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310_12 Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com