Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61301YFFT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61301YFFT
Description  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61301YFFT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61301YFFT Datasheet HTML 2Page - Texas Instruments TPS61301YFFT Datasheet HTML 3Page - Texas Instruments TPS61301YFFT Datasheet HTML 4Page - Texas Instruments TPS61301YFFT Datasheet HTML 5Page - Texas Instruments TPS61301YFFT Datasheet HTML 6Page - Texas Instruments TPS61301YFFT Datasheet HTML 7Page - Texas Instruments TPS61301YFFT Datasheet HTML 8Page - Texas Instruments TPS61301YFFT Datasheet HTML 9Page - Texas Instruments TPS61301YFFT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
6
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
SLVS957E – JUNE 2009 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
Verified by characterization. Not tested in production.
7.5 Electrical Characteristics
Unless otherwise noted the specification applies for VIN = 3.6 V over an operating junction temperature TJ = –40°C to 125°C;
Circuit of (unless otherwise noted). Typical values are for TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN
Input voltage range
2.5
5.5
V
IQ
Operating quiescent current into
AVIN
IOUT = 0 mA, device not switching
–40°C
≤ TJ ≤ 85°C
590
700
μA
IOUT(DC) = 0 mA, PWM operation
VOUT = 4.95 V, voltage regulation mode
11.3
mA
ISD
Shutdown current
HC_SEL = 0, –40°C
≤ TJ ≤ 85°C
1
5
μA
ISTBY
Standby current
HC_SEL = 1, storage capacitor balanced
–40°C
≤ TJ ≤ 85°C
2
12
μA
Precharge current
VOUT = 2.3 V, 2.5 V ≤ VIN ≤ 5.5 V
150
mA
Precharge hysteresis
(referred to VOUT)
40
75
mV
VUVLO
Undervoltage lockout threshold
(analog circuitry)
VIN falling
2.3
2.4
V
OUTPUT
VOUT
Output voltage range
Current regulation mode
VIN
5.5
V
Voltage regulation mode
3.825
5.7
Internal feedback voltage accuracy
2.5 V
≤ VIN ≤ 4.8 V, –20°C ≤ TJ ≤ 125°C
Boost mode, PWM voltage regulation
–2%
2%
0.85
Power-save mode ripple voltage
IOUT = 10 mA
0.015 × VOUT
VP–P
OVP
Output overvoltage protection
VOUT rising, 0000 ≤ OV[3:0] ≤ 0100
4.5
4.65
4.8
V
VOUT rising, 0101 ≤ OV[3:0] ≤ 1111
5.8
6
6.2
Output overvoltage protection
hysteresis
VOUT falling, 0101 ≤ OV[3:0] ≤ 1111
0.15
POWER SWITCH
rDS(on)
Switch MOSFET ON-resistance
VOUT = VGS = 3.6 V
90
m
Rectifier MOSFET ON-resistance
VOUT = VGS = 3.6 V
135
m
Ilkg(SW)
Leakage into SW
VOUT = 0 V, SW = 3.6 V, –40°C ≤ TJ ≤ 85°C
0.3
4
μA
Ilim
Rectifier valley current limit
(open loop)
VOUT = 4.95 V, HC_SEL = 0,
–20°C
≤ TJ ≤ 85°C
PWM operation, relative to selected ILIM
–15%
15%
OSCILLATOR
fOSC
Oscillator frequency
1.92
MHz
fACC
Oscillator frequency
–10%
7%
THERMAL SHUTDOWN, HOT DIE DETECTOR
Thermal shutdown(1)
140
160
°C
Thermal shutdown hysteresis(1)
20
°C
Hot die detector accuracy(1)
–8
8
°C


Similar Part No. - TPS61301YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61301YFFT TI-TPS61301YFFT Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
More results

Similar Description - TPS61301YFFT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1650 AD-ADP1650_1 Datasheet
74Kb / 2P
   1.5 A LED Fiash Driver with I2C-Compatible Interface
REV. A
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
   1.0 A LED Flash Driver with I2C-Compatible Interface
Rev. 0
logo
Texas Instruments
TPS61325 TI-TPS61325 Datasheet
2Mb / 62P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61305YFFT TI-TPS61305YFFT Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI-TPS61300 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310 Datasheet
1Mb / 51P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310_12 Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com