Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS612592YFFR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS612592YFFR
Description  TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS612592YFFR Datasheet(HTML) 1 Page - Texas Instruments

  TPS612592YFFR Datasheet HTML 1Page - Texas Instruments TPS612592YFFR Datasheet HTML 2Page - Texas Instruments TPS612592YFFR Datasheet HTML 3Page - Texas Instruments TPS612592YFFR Datasheet HTML 4Page - Texas Instruments TPS612592YFFR Datasheet HTML 5Page - Texas Instruments TPS612592YFFR Datasheet HTML 6Page - Texas Instruments TPS612592YFFR Datasheet HTML 7Page - Texas Instruments TPS612592YFFR Datasheet HTML 8Page - Texas Instruments TPS612592YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
0
10
20
30
40
50
60
70
80
90
100
.
I
- Output
Current
- mA
O
V - Input
Voltage
- V
I
V = 5.0 V
O
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259, TPS612592
SLVSAG8G – SEPTEMBER 2011 – REVISED JUNE 2016
TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
1
1 Features
1
93% Efficiency at 3.5-MHz Operation
21-µA Quiescent Current in Standby Mode
37-µA Quiescent Current in Normal Operation
Wide VIN Range From 2.3 V to 5.5 V
VIN ≥ VOUT Operation
IOUT ≥ 800 mA at VOUT = 4.5 V, VIN ≥ 2.65 V
IOUT ≥ 1000 mA at VOUT = 5.0 V, VIN ≥ 3.3 V
IOUT ≥ 1500 mA (Peak) at VOUT = 5.0 V, VIN ≥ 3.3
V
±2% Total DC Voltage Accuracy
Light-Load PFM Mode
Selectable Standby Mode or True Load
Disconnect During Shutdown
Thermal Shutdown and Overload Protection
Only Three Surface-Mount External Components
Required
Total Solution Size < 25 mm2
9-Pin NanoFreeTM (CSP) Packaging
2 Applications
Cell Phones, Smart Phones
Mono and Stereo APA Applications
USB Charging Ports (5V)
3 Description
The TPS6125x device provides a power supply
solution for battery-powered portable applications.
Intended for low-power applications, the TPS6125x
supports up to 800-mA load current from a battery
discharged as low as 2.65V and allows the use of low
cost chip inductor and capacitors.
With a wide input voltage range of 2.3 V to 5.5 V, the
device supports applications powered by Li-Ion
batteries with extended voltage range. Different fixed
voltage output versions are available from 3.15 V to
5.0 V.
The TPS6125x operates at a regulated 3.5-MHz
switching frequency and enters power-save mode
operation at light load currents to maintain high
efficiency over the entire load current range. The
PFM mode extends the battery life by reducing the
quiescent current to 37
μA (typ) during light load
operation.
In addition, the TPS6125x device can also maintain
its output biased at the input voltage level. In this
mode, the synchronous rectifier is current limited
allowing external load (e.g. audio amplifier) to be
powered with a restricted supply. In this mode, the
quiescent current is reduced to 21 µA. During
shutdown, the load is completely disconnected from
the battery. Input current in shutdown mode is less
than 1 µA (typ), which maximizes battery life.
The TPS6125x offers a very small solution size due
to minimum amount of external components. It allows
the use of small inductors and input capacitors to
achieve a small solution size.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS6125x
DSBGA (9)
1.206 mm × 1.306 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Efficiency vs Load Current


Similar Part No. - TPS612592YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS612592A TI-TPS612592A Datasheet
2Mb / 34P
[Old version datasheet]   TPS61253A 3.8-MHz, 5-V / 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
TPS612592A TI1-TPS612592A Datasheet
1Mb / 35P
[Old version datasheet]   TPS61253A, TPS61253E 3.8-MHz, 5-V, 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
REVISED JUNE 2023
More results

Similar Description - TPS612592YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI1-TPS61253_16 Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com