Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62004QDGSRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS62004QDGSRQ1
Description  HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62004QDGSRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62004QDGSRQ1 Datasheet HTML 3Page - Texas Instruments TPS62004QDGSRQ1 Datasheet HTML 4Page - Texas Instruments TPS62004QDGSRQ1 Datasheet HTML 5Page - Texas Instruments TPS62004QDGSRQ1 Datasheet HTML 6Page - Texas Instruments TPS62004QDGSRQ1 Datasheet HTML 7Page - Texas Instruments TPS62004QDGSRQ1 Datasheet HTML 8Page - Texas Instruments TPS62004QDGSRQ1 Datasheet HTML 9Page - Texas Instruments TPS62004QDGSRQ1 Datasheet HTML 10Page - Texas Instruments TPS62004QDGSRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TPS62000Q1, TPS62001Q1, TPS62002Q1, TPS62003Q1
TPS62004Q1, TPS62005Q1, TPS62006Q1, TPS62007Q1, TPS62008Q1
HIGHEFFICIENCY STEPDOWN LOW POWER DCDC CONVERTER
SGLS243A − APRIL 2004 − REVISED JUNE 2008
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltages on pin VIN and FC (see Note 1)
−0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltages on pins EN, ILIM, SYNC, PG, FB, L (see Note 1)
−0.3 V to VIN + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . .
Peak switch current
1.6 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
−40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering, 10 sec)
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to network ground terminal.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
10 pin MSOP
555 mW
5.56 mW/
°C
305 mW
221 mW
NOTE: The thermal resistance junction to ambient of the 10-pin MSOP is 180
°C/W. The device will not
run into thermal limitations, provided it is operated within the specified range.
recommended operating conditions
MIN
TYP
MAX
UNIT
Supply voltage, VI
2
5.5
V
Output voltage range for adjustable output voltage version, VO
0.8
VI
V
Output current for 3-cell operation, IO (VI ≥ 2.5 V; L = 10 µH, f = 750 kHz)
600
mA
Output current for 2-cell operation, IO (VI ≥ 2 V; L = 10 µH, f = 750 kHz)
200
mA
Inductor, L (see Note 2)
10
µH
Input capacitor, Ci (see Note 2)
10
µF
Output capacitor, Co (see Note 2) VO ≥ 1.8 V)
10
µF
Output capacitor, Co (see Note 2) VO < 1.8 V)
47
µF
Operating junction temperature, TJ
-40
125
°C
NOTE 2: See the Application Information section for further information.
electrical characteristics over recommended operating free-air temperature range, VI = 3.6 V,
VO = 2.5 V, IO = 300 mA, EN = VIN, ILIM = VIN, TJ = −40°C to 125°C (unless otherwise noted)
supply current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage range
IO = 0 mA to 600 mA
2.5
5.5
V
VI
Input voltage range
IO = 0 mA to 200 mA
2
5.5
V
I(Q)
Operating quiescent current
IO = 0 mA, SYNC = GND (PFM-mode enabled)
50
75
µA
I(SD)
Shutdown current
EN = GND
0.1
1
µA
enable
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
EN high-level input voltage
1.3
V
VIL
EN low level input voltage
0.4
V
Ilkg
EN input leakage current
EN = GND or VIN
0.01
0.1
µA
V(UVLO) Undervoltage lockout threshold
1.2
1.6
1.95
V


Similar Part No. - TPS62004QDGSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62004QDGSRQ1 TI1-TPS62004QDGSRQ1 Datasheet
375Kb / 23P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
More results

Similar Description - TPS62004QDGSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62007 TI-TPS62007 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000 TI1-TPS62000_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000 TI-TPS62000_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com