Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62110MRSAREP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62110MRSAREP
Description  17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62110MRSAREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62110MRSAREP Datasheet HTML 7Page - Texas Instruments TPS62110MRSAREP Datasheet HTML 8Page - Texas Instruments TPS62110MRSAREP Datasheet HTML 9Page - Texas Instruments TPS62110MRSAREP Datasheet HTML 10Page - Texas Instruments TPS62110MRSAREP Datasheet HTML 11Page - Texas Instruments TPS62110MRSAREP Datasheet HTML 12Page - Texas Instruments TPS62110MRSAREP Datasheet HTML 13Page - Texas Instruments TPS62110MRSAREP Datasheet HTML 14Page - Texas Instruments TPS62110MRSAREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
t − Time = 2 ms/div
VI = 7.2 V to 12 V
VO = 3.3 V
ILOAD = 800 mA
TA = 25°C
C2 = 50 mV/div
C1 = 5 V/div
t − Time = 20
µs/div
VI = 8.4 V
VO = 3.3 V
ILOAD = 150 mA to 1350 mA
TA = 25°C
VO = 50 mV/div
IO = 500 mA/div
t − Time = 5
µs/div
CH1 = 20 mV/div
VI = 8.4 V, VO = 3.3 V
CH2 =
5 V/div
CH4 = 200 mA/div
ILOAD = 100 mA, TA = 25°C
t − Time = 200
µs/div
CH1 = 10 V/div
VI = 12 V, VO = 3.3 V
CH4 = 500 mA/div
ILOAD = 800 mA, TA = 25°C
CH3 = 5 V/div
CH2 = 1 V/div
TPS62110-EP
TPS62111-EP
TPS62112-EP
www.ti.com .............................................................................................................................................................. SLVS630C – APRIL 2007 – REVISED MAY 2008
TPS62111
TPS62111
LINE TRANSIENT
LOAD TRANSIENT
Figure 11.
Figure 12.
TPS62111
TPS62111
OUTPUT RIPPLE
START-UP TIMING
Figure 13.
Figure 14.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS62110-EP TPS62111-EP TPS62112-EP


Similar Part No. - TPS62110MRSAREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62110MRSAREP TI1-TPS62110MRSAREP Datasheet
797Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
More results

Similar Description - TPS62110MRSAREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62110-Q1 TI1-TPS62110-Q1 Datasheet
759Kb / 24P
[Old version datasheet]   17-V 1.5-A SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110 Datasheet
960Kb / 28P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP Datasheet
797Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-HT TI1-TPS62110-HT Datasheet
700Kb / 25P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS6211x 17-V, 1.5-A, Synchronous Step-Down Converter
LMR36015-Q1 TI1-LMR36015-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   4.2-V to 60-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615-Q1 TI1-LMR23615-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com