Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS6209733RWKT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS6209733RWKT
Description  TPS62097 2-A High Efficiency Step-Down Converter with iDCS-Control, Forced PWM Mode and Selective Switching Frequency
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS6209733RWKT Datasheet(HTML) 1 Page - Texas Instruments

  TPS6209733RWKT Datasheet HTML 1Page - Texas Instruments TPS6209733RWKT Datasheet HTML 2Page - Texas Instruments TPS6209733RWKT Datasheet HTML 3Page - Texas Instruments TPS6209733RWKT Datasheet HTML 4Page - Texas Instruments TPS6209733RWKT Datasheet HTML 5Page - Texas Instruments TPS6209733RWKT Datasheet HTML 6Page - Texas Instruments TPS6209733RWKT Datasheet HTML 7Page - Texas Instruments TPS6209733RWKT Datasheet HTML 8Page - Texas Instruments TPS6209733RWKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Load (A)
60
70
80
90
100
1m
10m
100m
1
5
D003
VIN = 2.7 V
VIN = 3.3 V
VIN = 4.2 V
VIN = 5.0 V
V
2.5V to 6.0V
IN
POWER GOOD
C2
22µF
R3
100k
V
1.8V/2A
OUT
L1
1.0µH
C1
10µF
C3
10nF
V
IN
TPS6209718
PVIN
EN
AVIN
SS/TR
AGND
MODE
SW
FB
VOS
PG
PGND
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS62097
SLVSCD6 – DECEMBER 2015
TPS62097 2-A High Efficiency Step-Down Converter with iDCS-Control, Forced PWM
Mode and Selective Switching Frequency
1 Features
3 Description
The TPS62097 device is a synchronous step-down
1
iDCS-Control Topology
converter optimized for high efficiency and noise
Forced PWM or Power Save Mode
critical applications. The devices focus on high
Up to 97% Efficiency
efficiency conversion over a wide output current
range. At medium to heavy loads, the converter
2.5-V to 6.0-V Input Voltage
operates in PWM mode and automatically enters
0.8-V to VIN Adjustable Output Voltage
Power Save Mode operation at light load. The
1.8-V and 3.3-V Fixed Output Voltage
switching frequency is selectable in the range of 1.5
MHz to 2.5 MHz by an external resistor. iDCS-Control
±1% Output Voltage Accuracy
is able to be operated in forced PWM mode for low
Hiccup Short Circuit Protection
noise operation with a fixed switching frequency.
Programmable Soft Startup
To address the requirements of system power rails,
Output Voltage Tracking
the internal compensation circuit allows a large
Selectable Switching Frequency
selection of external output capacitor values in
100% Duty Cycle for Lowest Dropout
excess of 150 µF. To control the inrush current during
the startup, the device provides a programmable soft
Output Discharge
startup by an external capacitor connected to the
Power Good Output
SS/TR pin. The SS/TR pin is also used in voltage
Thermal Shutdown Protection
tracking configurations. The device integrates short
circuit protection, power good and thermal shutdown
-40°C to 125°C Operating Junction Temperature
features. The device is available in a 2-mm x 2-mm
Available in 2-mm x 2-mm VQFN Package
VQFN package.
2 Applications
Device Information(1)
Industrial Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Programmable Logic Controllers (PLCs)
TPS62097
TPS6209718
VQFN (11)
2.0 mm x 2.0 mm
Point of Load (POL) Regulators
TPS6209733
Solid State Drives (SSDs)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
1.8-V Output, PWM/PSM Mode Application
1.8-V Output, PWM/PSM Mode Efficiency
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS6209733RWKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6209733-Q1 TI1-TPS6209733-Q1 Datasheet
318Kb / 20P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS6209733-Q1 TI1-TPS6209733-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS6209733QWRGTRQ1 TI1-TPS6209733QWRGTRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
More results

Similar Description - TPS6209733RWKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62568A TI1-TLV62568A Datasheet
1Mb / 22P
[Old version datasheet]   1-, 2-A Step Down Converter with Forced PWM Feature in SOT563 Package
TPS62080 TI-TPS62080_15 Datasheet
971Kb / 27P
[Old version datasheet]   TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control??and Snooze Mode
TLV62095 TI1-TLV62095 Datasheet
1Mb / 26P
[Old version datasheet]   4-A High Efficiency Step Down Converter with DCS-Control
logo
Anachip Corp
AP1623 ANACHIP-AP1623 Datasheet
182Kb / 6P
   PWM Control Step-Down Switching Regulator-Converter
logo
ACE Technology Co., LTD...
ACE7255E ACE-ACE7255E Datasheet
518Kb / 9P
   24V, 2A, Forced PWM Synchronous Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MP1601A MPS-MP1601A Datasheet
1Mb / 17P
   1A Synchronous Step-down Converter with Forced CCM Mode
logo
Torex Semiconductor
XC9246B65CMR-G TOREX-XC9246B65CMR-G Datasheet
137Kb / 1P
   PWM Switching Control,Step-Down DC/DC Converter
XC9246B75CMR-G TOREX-XC9246B75CMR-G Datasheet
137Kb / 1P
   PWM Switching Control,Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com