Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62043DGQR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62043DGQR
Description  1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62043DGQR Datasheet(HTML) 1 Page - Texas Instruments

  TPS62043DGQR Datasheet HTML 1Page - Texas Instruments TPS62043DGQR Datasheet HTML 2Page - Texas Instruments TPS62043DGQR Datasheet HTML 3Page - Texas Instruments TPS62043DGQR Datasheet HTML 4Page - Texas Instruments TPS62043DGQR Datasheet HTML 5Page - Texas Instruments TPS62043DGQR Datasheet HTML 6Page - Texas Instruments TPS62043DGQR Datasheet HTML 7Page - Texas Instruments TPS62043DGQR Datasheet HTML 8Page - Texas Instruments TPS62043DGQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
TPS62040
TPS62042, TPS62043
TPS62044, TPS62046
SLVS463B − JUNE 2003 − REVISED OCTOBER 2005
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
FEATURES
D Up to 95% Conversion Efficiency
D Typical Quiescent Current: 18 µA
D Load Current: 1.2 A
D Operating Input Voltage Range: 2.5 V to 6.0 V
D Switching Frequency: 1.25 MHz
D Adjustable and Fixed Output Voltage
D Power Save Mode Operation at Light load
Currents
D 100% Duty Cycle for Lowest Dropout
D Internal Softstart
D Dynamic Output Voltage Positioning
D Thermal Shutdown
D Short-Circuit Protection
D 10 Pin MSOP PowerPad™ Package
D 10 Pin QFN 3 X 3 mm Package
APPLICATIONS
D PDA, Pocket PC and Smart Phones
D USB Powered Modems
D CPUs and DSPs
D PC Cards and Notebooks
D xDSL Applications
D Standard 5-V to 3.3-V Conversion
DESCRIPTION
The TPS6204x family of devices are high efficiency
synchronous step-down dc-dc converters optimized for
battery powered portable applications. The devices are
ideal for portable applications powered by a single Li-Ion
battery cell or by 3-cell NiMH/NiCd batteries. With an
output voltage range from 6.0 V down to 0.7 V, the devices
support low voltage DSPs and processors in PDAs,
pocket PCs, as well as notebooks and subnotebook
computers. The TPS6204x operates at a fixed switching
frequency of 1.25 MHz and enters the power save mode
operation at light load currents to maintain high efficiency
over the entire load current range. For low noise
applications, the devices can be forced into fixed
frequency PWM mode by pulling the MODE pin high. The
TPS6204x supports up to 1.2-A load current.
7
VIN
VIN
EN
MODE
SW
FB
PGND
PGND
SW
GND
2
3
1
4
9
10
5
8
6
TPS6204x
VI
2.5 V to 6 V
VO
0.7 V to VI /1.2 A
C2
22 µF
C1
22 µF
L1
6.2 µH
Typical Application Circuit 1.2-A Output Current
40
45
50
55
60
65
70
75
80
85
90
95
100
0
0.01
0.1
1
10
100
1 k
10 k
VI = 2.7 V
VI = 3.6 V
VI = 5 V
MODE = Low
VI = 3.6 V
MODE = High
EFFICIENCY
vs
LOAD CURRENT
IL − Load Current − mA
VO = 1.8 V
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright © 2003 − 2005, Texas Instruments Incorporated
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - TPS62043DGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62043DGQR TI1-TPS62043DGQR Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62043DGQR TI1-TPS62043DGQR Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62043DGQRG4 TI1-TPS62043DGQRG4 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Similar Description - TPS62043DGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040 Datasheet
372Kb / 21P
[Old version datasheet]   1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
   High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com