Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62130AQRGTTQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62130AQRGTTQ1
Description  TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62130AQRGTTQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS62130AQRGTTQ1 Datasheet HTML 1Page - Texas Instruments TPS62130AQRGTTQ1 Datasheet HTML 2Page - Texas Instruments TPS62130AQRGTTQ1 Datasheet HTML 3Page - Texas Instruments TPS62130AQRGTTQ1 Datasheet HTML 4Page - Texas Instruments TPS62130AQRGTTQ1 Datasheet HTML 5Page - Texas Instruments TPS62130AQRGTTQ1 Datasheet HTML 6Page - Texas Instruments TPS62130AQRGTTQ1 Datasheet HTML 7Page - Texas Instruments TPS62130AQRGTTQ1 Datasheet HTML 8Page - Texas Instruments TPS62130AQRGTTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
TPS62130A-Q1, TPS62133A-Q1
SLVSCC2 – MAY 2014
www.ti.com
8 Specifications
8.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
AVIN, PVIN
–0.3
20
V
Pin voltage (2)
EN, SS/TR, SW
–0.3
VIN+0.3
DEF, LOG, FB, PG, VOS
–0.3
7
V
Power Good sink current PG
10
mA
Temperature
Operating junction temperature, TJ
–40
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network ground terminal.
8.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per AEC Q100-002(2)
–2000
2000
Electrostatic
V(ESD)
(1)
V
discharge
Charged device model (CDM), per AEC Q100-011
–500
500
(1)
Electrostatic discharge (ESD) measures device sensitivity and immunity to damage caused by assembly line electrostatic discharges
into the device.
(2)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
8.3 Recommended Operating Conditions
MIN
TYP
MAX
UNIT
VIN
Supply Voltage
at AVIN and PVIN
3
17
V
VOUT
Output Voltage Range
TPS62130A-Q1
0.9
6
V
TJ
Operating junction temperature
–40
125
°C
8.4 Thermal Information
TPS6213xA-Q1
THERMAL METRIC(1)
RGT
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
29.1
RθJC(top)
Junction-to-case (top) thermal resistance
15
RθJB
Junction-to-board thermal resistance
11
°C/W
ψJT
Junction-to-top characterization parameter
0.5
ψJB
Junction-to-board characterization parameter
10
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.5
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS62130A-Q1 TPS62133A-Q1


Similar Part No. - TPS62130AQRGTTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130AQRGTTQ1 TI1-TPS62130AQRGTTQ1 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
More results

Similar Description - TPS62130AQRGTTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130A-Q1 TI-TPS62130A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3V to 17-V 3A Step-Down Converter with DCS-Control?
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TPS62135 TI1-TPS62135 Datasheet
1Mb / 40P
[Old version datasheet]   High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com