Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1946A Datasheet(PDF) 9 Page - Linear Technology

Part # LT1946A
Description  2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1946A Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1946A Datasheet HTML 4Page - Linear Technology LT1946A Datasheet HTML 5Page - Linear Technology LT1946A Datasheet HTML 6Page - Linear Technology LT1946A Datasheet HTML 7Page - Linear Technology LT1946A Datasheet HTML 8Page - Linear Technology LT1946A Datasheet HTML 9Page - Linear Technology LT1946A Datasheet HTML 10Page - Linear Technology LT1946A Datasheet HTML 11Page - Linear Technology LT1946A Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LT1946A
9
sn1946a 1946afs
Diode Selection
A Schottky diode is recommended for use with the LT1946A.
The Microsemi UPS120 is a very good choice. Where the
input to output voltage differential exceeds 20V, use the
UPS140 (a 40V diode). These diodes are rated to handle an
average forward current of 1A. For applications where the
average forward current of the diode is less than 0.5A, an
ON Semiconductor MBR0520 diode can be used.
Setting Output Voltage
To set the output voltage, select the values of R1 and R2
(see Figure 1) according to the following equation:
RR
V
V
OUT
12
125
1
=


.
A good range for R2 is from 5k to 30k.
Layout Hints
The high speed operation of the LT1946A demands careful
attention to board layout. You will not get advertised
performance with careless layouts. Figure 6 shows the
recommended component placement for a boost con-
verter.
1
2
8
7
3
4
6
5
L1
C2
LT1946A
VOUT
VIN
GND
SHUTDOWN
R1
R2
MULTIPLE
VIAs
GROUND PLANE
19949 F04
C1
+
RC
CC
CSS
Figure 6. Recommended Component
Placement for Boost Converter
NOTE: DIRECT HIGH CURRENT PATHS USING WIDE PC TRACES. MINIMIZE TRACE AREA AT
PIN 1(VC) AND PIN 2(FB). USE MULTIPLE VIAS TO TIE PIN 4 COPPER TO GROUND PLANE. USE
VIAS AT ONE LOCATION ONLY TO AVOID INTRODUCING SWITCHING CURRENTS INTO THE
GROUND PLANE.
FREQUENCY (Hz)
100
50
0
–50
100
10k
100k
1M
1946A FO5a
1k
FREQUENCY (Hz)
0
–100
–200
100
10k
100k
1M
1946A FO5b
1k
–180
58
°
Figure 5. Gain and Phase Plots of Figure 1 Circuit
APPLICATIO S I FOR ATIO


Similar Part No. - LT1946A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1946A LINER-LT1946A Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1946A LINER-LT1946A Datasheet
323Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A_15 Datasheet
323Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
More results

Similar Description - LT1946A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1946A LINER-LT1946A_15 Datasheet
323Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3580 LINER-LT3580_15 Datasheet
300Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3580IDD LINER-LT3580IDD Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3580 LINER-LT3580 Datasheet
460Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT8570 LINER-LT8570_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8570-1 LINER-LT8570-1_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com