Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1946EMS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1946EMS8
Description  1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1946EMS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1946EMS8 Datasheet HTML 1Page - Linear Technology LT1946EMS8 Datasheet HTML 2Page - Linear Technology LT1946EMS8 Datasheet HTML 3Page - Linear Technology LT1946EMS8 Datasheet HTML 4Page - Linear Technology LT1946EMS8 Datasheet HTML 5Page - Linear Technology LT1946EMS8 Datasheet HTML 6Page - Linear Technology LT1946EMS8 Datasheet HTML 7Page - Linear Technology LT1946EMS8 Datasheet HTML 8Page - Linear Technology LT1946EMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT1946
4
sn1946 1946fs
PI FU CTIO S
VC (Pin 1): Error Amplifier Output Pin. Tie external com-
pensation network to this pin, or use the internal compen-
sation network by shorting the VC pin to the COMP pin.
FB (Pin 2): Feedback Pin. Reference voltage is 1.250V.
Connect resistive divider tap here. Minimize trace area at
FB. Set VOUT according to VOUT = 1.250(1 + R1/R2).
SHDN (Pin 3): Shutdown Pin. Tie to 2.4V or more to enable
device. Ground to shut down. Do not float this pin.
GND (Pin 4): Ground. Tie directly to local ground plane.
SW (Pin 5): Switch Pin. This is the collector of the internal
NPN power switch. Minimize the metal trace area con-
nected to this pin to minimize EMI.
VIN (Pin 6): Input Supply Pin. Must be locally bypassed.
COMP (Pin 7): Internal Compensation Pin. Provides an
internal compensation network. Tie directly to the VC pin
for internal compensation. Tie to GND if not used.
SS (Pin 8): Soft-Start Pin. Place a soft-start capacitor
here. Upon start-up, 4
µA of current charges the capacitor
to 1.5V. Use a larger capacitor for slower start-up. Leave
floating if not in use.
BLOCK DIAGRA
Σ
+
A2
FB
SHDN
SHUTDOWN
VIN
0.5V
DRIVER
Q1
0.01
120k
90pF
SW
GND
1946 BD
COMPARATOR
5
VC
4
µA
1
SS
8
COMP
4
S
RQ
RAMP
GENERATOR
1.2MHz
OSCILLATOR
÷3
+
+
2
3
1.250V
REFERENCE
6
7
R1 (EXTERNAL)
FB
VOUT
R2 (EXTERNAL)
A3
A1
Figure 2. Block Diagram


Similar Part No. - LT1946EMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1946 LINER-LT1946 Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1946 LINER-LT1946 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1946A LINER-LT1946A Datasheet
323Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
More results

Similar Description - LT1946EMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A_15 Datasheet
323Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3580 LINER-LT3580_15 Datasheet
300Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3580IDD LINER-LT3580IDD Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3580 LINER-LT3580 Datasheet
460Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT8570 LINER-LT8570_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8570-1 LINER-LT8570-1_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com