Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62134ARGTR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62134ARGTR
Description  TPS62134x, 17-V Input, Step-down Converter With Low-Power Mode Input for Intel Skylake Platform
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62134ARGTR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62134ARGTR Datasheet HTML 3Page - Texas Instruments TPS62134ARGTR Datasheet HTML 4Page - Texas Instruments TPS62134ARGTR Datasheet HTML 5Page - Texas Instruments TPS62134ARGTR Datasheet HTML 6Page - Texas Instruments TPS62134ARGTR Datasheet HTML 7Page - Texas Instruments TPS62134ARGTR Datasheet HTML 8Page - Texas Instruments TPS62134ARGTR Datasheet HTML 9Page - Texas Instruments TPS62134ARGTR Datasheet HTML 10Page - Texas Instruments TPS62134ARGTR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Vref
VID1
VID0
LPM
EN
SS
VOS
FBS
SW
SW
PGND
PGND
AGND
PVIN
PVIN
PG
AVIN
Gate drive
Power control
PG Control
UVLO
Thermal
shutdown
Soft
start
Reference voltage
control logic
Control logic
FBS
High-side
limit
Low-side
limit
Comparator
Comparator
Comparator
Direct control
and
compensation
ton
DCS-ControlŒ
+
Vref
Ramp
Error
amplifier
R(DIS)
Output
discharge
EN
TPS62134A, TPS62134B, TPS62134C, TPS62134D
www.ti.com
SLVSC20D – JANUARY 2015 – REVISED MAY 2015
9 Detailed Description
9.1 Overview
The TPS62134x synchronous switched-mode power converters are based on DCS-Control™ (direct control with
seamless transition into power-save mode), an advanced regulation topology that combines the advantages of
hysteretic, voltage-mode, and current-mode control including an AC loop that is directly associated to the output
voltage. This control loop uses information about output voltage changes and feeds the information directly to a
fast comparator stage. The control loop provides immediate response to dynamic load changes. For accurate DC
load regulation, a voltage feedback loop is used. The internally compensated regulation network achieves fast
and stable operation with small external components and low ESR capacitors.
The DCS-Control™ topology supports PWM (pulse width modulation) mode for medium and heavy load
conditions and a power-save mode (PSM) at light loads. During PWM mode, the devices operate at the nominal
switching frequency in continuous conduction mode (CCM). This frequency is approximately 1 MHz (typical) with
a controlled frequency variation depending on the input voltage. If the load current decreases, the converter
enters PSM to sustain high efficiency down to very light loads. In PSM, the switching frequency decreases
linearly with the load current. Because DCS-Control™ supports both operation modes within one single building
block, the transition from PWM to PSM is seamless without effects on the output voltage.
9.2 Functional Block Diagram
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS62134A TPS62134B TPS62134C TPS62134D


Similar Part No. - TPS62134ARGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS6213013A-Q1 TI1-TPS6213013A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS6213013AQRGTRQ1 TI1-TPS6213013AQRGTRQ1 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
More results

Similar Description - TPS62134ARGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS560200 TI1-TPS560200_16 Datasheet
992Kb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS54360 TI1-TPS54360 Datasheet
314Kb / 10P
[Old version datasheet]   60 V Input, 3.5 A, Step Down Converter with Eco-mode?
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS82140 TI1-TPS82140 Datasheet
562Kb / 26P
[Old version datasheet]   17-V Input 2-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPS560200-Q1 TI1-TPS560200-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-mode?
TPS82150 TI1-TPS82150 Datasheet
572Kb / 27P
[Old version datasheet]   17-V Input 1-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPS54424 TI1-TPS54424 Datasheet
2Mb / 40P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous SWIFT Step-Down Converter with Current Mode Control
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com