Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS621351RGXT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS621351RGXT
Description  High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS621351RGXT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS621351RGXT Datasheet HTML 6Page - Texas Instruments TPS621351RGXT Datasheet HTML 7Page - Texas Instruments TPS621351RGXT Datasheet HTML 8Page - Texas Instruments TPS621351RGXT Datasheet HTML 9Page - Texas Instruments TPS621351RGXT Datasheet HTML 10Page - Texas Instruments TPS621351RGXT Datasheet HTML 11Page - Texas Instruments TPS621351RGXT Datasheet HTML 12Page - Texas Instruments TPS621351RGXT Datasheet HTML 13Page - Texas Instruments TPS621351RGXT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
(
)
L
on
DS
R
R
IOUT
VOUT
VIN
+
+
=
)
(
(min)
÷
ø
ö
ç
è
æ
+
-
´
´
=
D
VOUT
VOUT
VIN
C
VIN
L
V
1
1
200
2
(
)
T O N
L
V O U T
V I N
I L P S M peak
´
-
=
)
(
[ ]
ns
VOUT
VIN
VIN
TON
-
´
= 100
[ ]
ns
VIN
VOUT
TON
400
´
=
10
TPS62135, TPS621351
SLVSBH3A – JUNE 2016 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TPS62135 TPS621351
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.4 Device Functional Modes
9.4.1 Pulse Width Modulation (PWM) Operation
TPS62135x has two operating modes: Forced PWM mode discussed in this section and PWM/PFM as discussed
in Power Save Mode Operation (PWM/PFM).
With the MODE pin set to high, the TPS62135x operates with pulse width modulation in continuous conduction
mode (CCM) with a nominal switching frequency of 2.5 MHz. The frequency variation in PWM is controlled and
depends on VIN, VOUT and the inductance. The on-time in forced PWM mode is given by:
(1)
9.4.2 Power Save Mode Operation (PWM/PFM)
When the MODE pin is low, Power Save Mode is allowed. The device operates in PWM mode as long the output
current is higher than half the inductor's ripple current. To maintain high efficiency at light loads, the device
enters Power Save Mode at the boundary to discontinuous conduction mode (DCM). This happens if the output
current becomes smaller than half the inductor's ripple current. For improved transient response, PWM mode is
forced for 8 switching cycles if the output voltage is above target due to a load release. The Power Save Mode is
entered seamlessly, if the load current decreases and the MODE pin is set low. This ensures a high efficiency in
light load operation. The device remains in Power Save Mode as long as the inductor current is discontinuous.
In Power Save Mode the switching frequency decreases linearly with the load current maintaining high efficiency.
The transition into and out of Power Save Mode is seamless in both directions.
The AEE function in TPS62135 and TPS621351 adjust the on-time (TON) in power save mode depending on the
input voltage and the output voltage to maintain highest efficiency. The on-time, in steady-state operation, can be
estimated as:
(2)
For very small output voltages, an absolute minimum on-time of about 50 ns is kept to limit switching losses. The
operating frequency is thereby reduced from its nominal value, which keeps efficiency high. Using TON, the
typical peak inductor current in Power Save Mode is approximated by:
(3)
There is a minimum off-time which limits the duty cycle of the TPS62135x. When VIN decreases to typically 15%
above VOUT, the TPS62135x does not enter Power Save Mode, regardless of the load current. The device
maintains output regulation in PWM mode.
The output voltage ripple in power save mode is given by Equation 4:
(4)
9.4.3 100% Duty-Cycle Operation
The duty cycle of the buck converter is given by D = VOUT/VIN and increases as the input voltage comes close
to the output voltage. The minimum off-time is about 80 ns. When the minimum off-time is reached, TPS62135x
scales down its switching frequency while it approaches 100% mode. In 100% mode it keeps the high-side
switch on continuously. The high-side switch stays turned on as long as the output voltage is below the internal
set point. This allows the conversion of small input to output voltage differences, for example for longest
operation time of battery-powered applications. In 100% duty cycle mode, the low-side FET is switched off.
The minimum input voltage to maintain output voltage regulation, depending on the load current and the output
voltage level, can be calculated as:
spacing
(5)


Similar Part No. - TPS621351RGXT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS6213013A-Q1 TI1-TPS6213013A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS6213013AQRGTRQ1 TI1-TPS6213013AQRGTRQ1 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
More results

Similar Description - TPS621351RGXT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62170-Q1 TI1-TPS62170-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   3-V to17-V 0.5-A Step-Down Converters with DCS-Control
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com