Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLTS171A Datasheet(PDF) 11 Page - Texas Instruments

Part # SLTS171A
Description  18A Output Current
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS171A Datasheet(HTML) 11 Page - Texas Instruments

Back Button SLTS171A Datasheet HTML 5Page - Texas Instruments SLTS171A Datasheet HTML 6Page - Texas Instruments SLTS171A Datasheet HTML 7Page - Texas Instruments SLTS171A Datasheet HTML 8Page - Texas Instruments SLTS171A Datasheet HTML 9Page - Texas Instruments SLTS171A Datasheet HTML 10Page - Texas Instruments SLTS171A Datasheet HTML 11Page - Texas Instruments SLTS171A Datasheet HTML 12Page - Texas Instruments SLTS171A Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
2-Feb-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
PT5804N
OBSOLETE SIP MODULE
EPP
18
TBD
Call TI
Call TI
PT5806A
OBSOLETE SIP MODULE
EPQ
18
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - SLTS171A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS170C TI1-SLTS170C Datasheet
261Kb / 11P
[Old version datasheet]   Programmable Output Voltage
SLTS174A TI1-SLTS174A Datasheet
212Kb / 11P
[Old version datasheet]   20 A Output Current
SLTS175 TI1-SLTS175 Datasheet
199Kb / 9P
[Old version datasheet]   Under-Voltage Lockout
SLTS178B TI1-SLTS178B Datasheet
214Kb / 12P
[Old version datasheet]   14 A Output Current
More results

Similar Description - SLTS171A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
HV1000 IXYS-HV1000 Datasheet
335Kb / 3P
   Voltage > 850V, Output Current > 18A
logo
Lineage Power Corporati...
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
logo
Inchange Semiconductor ...
2SK1018 ISC-2SK1018 Datasheet
69Kb / 2P
   Drain Current ?밒D=18A@ TC=25C
logo
Advanced Monolithic Sys...
AMS1069 AMS-AMS1069 Datasheet
1Mb / 5P
   2A Output Current
logo
Lowpower Semiconductor ...
LP3211 POWER-LP3211 Datasheet
280Kb / 6P
   280mA Output current
logo
MicroPower Direct, LLC
LD24-08-350W(A) MPD-LD24-08-350W(A) Datasheet
614Kb / 4P
   Constant Current Output
logo
Maxim Integrated Produc...
MAX17083EVKIT MAXIM-MAX17083EVKIT Datasheet
186Kb / 7P
   5A Output Current
Rev 0; 5/09
logo
XP Power Limited
LDU2430S1000 XPPOWER-LDU2430S1000 Datasheet
339Kb / 4P
   Constant Current Output
LDU56 XPPOWER-LDU56 Datasheet
85Kb / 2P
   Constant Current Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com