Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLTS083 Datasheet(PDF) 2 Page - Texas Instruments

Part # SLTS083
Description  Integrated Switching Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS083 Datasheet(HTML) 2 Page - Texas Instruments

  SLTS083 Datasheet HTML 1Page - Texas Instruments SLTS083 Datasheet HTML 2Page - Texas Instruments SLTS083 Datasheet HTML 3Page - Texas Instruments SLTS083 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TYPICAL
CHARACTERISTICS
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Programming Information
VID3 VID2 VID1 VID0
Vout
1
1
1
1
1.30V
1
1
1
0
1.35V
1
1
0
1
1.40V
1
1
0
0
1.45V
1
0
1
1
1.50V
1
0
1
0
1.55V
1
0
0
1
1.60V
1
0
0
0
1.65V
0
1
1
1
1.70V
0
1
1
0
1.75V
0
1
0
1
1.80V
0
1
0
0
1.85V
0
0
1
1
1.90V
0
0
1
0
1.95V
0
0
0
1
2.00V
0
0
0
0
2.05V
Features
Single-Device: +3.3V input
4-bit Programmable:
1.3V to 2.05V@20A
High Efficiency
Differential Remote Sense
Short-Circuit Protection
Parallelable with PT7742
20A “Current Booster”
Safe Operating Area (See Note B)
Ordering Information
PT7708
❏ = 1.3 to 2.05 Volts
(For dimensions and PC board layout,
see Package Styles 800 and 810.)
PT Series Suffix (PT1234X)
Case/Pin
Configuration
Vertical Through-Hole
N
Horizontal Through-Hole A
Horizontal Surface Mount
C
Logic 0 = Pin 12 potential (remote sense gnd)
Logic 1 = Open circuit (no pull-up resistors)
VID3 may not be changed while the unit is operating.
Characteristic Data, Vin =3.3V (See Note A)
PT7708—3.3V
20 Amp Programmable
Next Generation “Big Hammer”
Power Dissipation vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Note A:
All data in the above graphs has been developed from actual products tested at 25°C. The data is considered typical for the ISR
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
PT7708, VIN =3.3V, Vo =1.8V
50
60
70
80
90
0
4
8
121620
Iout (A)
1.8
1.5
VOUT
0
10
20
30
40
0
4
8
121620
Iout (A)
1.5
1.8
VOUT
0
2
4
6
8
10
12
0
4
8
121620
Iout (A)
1.5
1.8
VOUT
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
4.0
8.0
12.0
16.0
20.0
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow


Similar Part No. - SLTS083

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS081 TI1-SLTS081 Datasheet
541Kb / 7P
[Old version datasheet]   Adjustable Output Voltage
SLTS082 TI1-SLTS082 Datasheet
527Kb / 7P
[Old version datasheet]   Adjustable Output Voltage
SLTS085 TI1-SLTS085 Datasheet
392Kb / 3P
[Old version datasheet]   Current Booster
More results

Similar Description - SLTS083

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7707 TI1-PT7707_08 Datasheet
226Kb / 5P
[Old version datasheet]   INTEGRATED SWITCHING REGULATOR
logo
NTE Electronics
NTE7125 NTE-NTE7125 Datasheet
24Kb / 3P
   Integrated Circuit Switching Regulator
NTE7046 NTE-NTE7046 Datasheet
24Kb / 2P
   Integrated Circuit Hybrid Switching Regulator
logo
ON Semiconductor
NCP1000 ONSEMI-NCP1000_06 Datasheet
126Kb / 14P
   Integrated Off?묹ine Switching Regulator
February, 2006 ??Rev. 8
logo
NTE Electronics
NTE7109 NTE-NTE7109 Datasheet
40Kb / 5P
   Integrated Circuit Switching Regulator Control
NTE7166 NTE-NTE7166 Datasheet
30Kb / 3P
   Integrated Circuit Flyback Switching Regulator
logo
Maxim Integrated Produc...
MAX20745 MAXIM-MAX20745 Datasheet
1Mb / 26P
   Integrated, Step-Down Switching Regulator
2020
logo
NTE Electronics
NTE7073 NTE-NTE7073 Datasheet
19Kb / 2P
   Integrated Circuit Hybrid Switching Regulator
logo
ON Semiconductor
NCP1000 ONSEMI-NCP1000 Datasheet
115Kb / 16P
   Integrated Off-Line Switching Regulator
December, 2003 ??Rev. 7
logo
Renesas Technology Corp
RAA211650 RENESAS-RAA211650 Datasheet
3Mb / 35P
   60V 5A Integrated Switching Regulator
May 6, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com