Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLTS240 Datasheet(PDF) 1 Page - Texas Instruments

Part # SLTS240
Description  Dual Complementary-Output
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS240 Datasheet(HTML) 1 Page - Texas Instruments

  SLTS240 Datasheet HTML 1Page - Texas Instruments SLTS240 Datasheet HTML 2Page - Texas Instruments SLTS240 Datasheet HTML 3Page - Texas Instruments SLTS240 Datasheet HTML 4Page - Texas Instruments SLTS240 Datasheet HTML 5Page - Texas Instruments SLTS240 Datasheet HTML 6Page - Texas Instruments SLTS240 Datasheet HTML 7Page - Texas Instruments SLTS240 Datasheet HTML 8Page - Texas Instruments SLTS240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
For technical support and further information visit http://power.ti.com
Pin Configuration
Pin
Function
1+VI
2
Sync In
3
Enable *
4–VI
5+VO
6
COM
7VO Adjust
8–VO
Shaded functions indicate signals
that are referenced to –VI.
* Denotes negative logic:
Open
= Outputs Off
–VI
= Normal operation
Stand-Alone Application
PTB48580 Series
Dual Complementary-Output
DC/DC Converter for DSL
Features
Dual Complementary Outputs
(±5 V, ±12 V)
Input Voltage Range:
36 V to 75 V
On/Off Enable for Sequencing
1500 VDC Isolation
Over-Current Protection
Over-Temperature Shutdown
Under-Voltage Lockout
Temp Range: –40 to +85 °C
Industry Standard Outline
Fixed Frequency Operation
Synchronizes with PTB48500
Powers line driver ICs for AC-7
and other xDSL chipsets
Safety Approvals: (Pending):
EN60950
UL/cUL60950
Description
The PTB48580 series of isolated
DC/DC converter modules produce a
complementary pair of regulated supply
voltages for powering line-driver ICs in
xDSL telecom applications. The mod-
ules operate from a standard telecom
(-48 V) central office (CO) supply and
can provide up to a 30 W of power in a
balanced load configuration.
The A-suffix module (±5 V) is designed
to power the line driver ICs for the AC-7
ADSL chipset. Other voltage options will
power other analog applications requiring
a complementary supply with relatively
balanced loads. The outputs can also be
easily configured for single-ended use.
The modules incorporate an On/Off
enable control, output current limit,
over-temperature protection, and input
under-voltage lockout (UVLO) as stan-
dard features.
The control inputs, “Enable” and
“Sync In,” are compatible with the
“EN Out” and “Sync Out” signals of
the PTB48500 DC/DC converter.
This allows the power-up and switching
frequency of the PTB48580 series to be
directly controlled from a PTB48500.
Together a PTB48500 and a PTB48580A
converter meet all the system power
and sequencing requirements of an AC-7
ADSL chipset.
The PTB48580 series uses double-
sided surface mount contruction. The
package size is based on an industry
standard outline and does not require a
heatsink. Both through-hole and surface
mount pin configurations are available.
PTB48580
+VI
Enable
–VI
–VO
COM
6
8
L
O
A
D
–VO
+VI
–VI
1
3
4
COM
Sync In
±VO Adj
7
2
+VO
5
+VO
L
O
A
D
SLTS240 DECEMBER 2004
Not Recommended for New Designs


Similar Part No. - SLTS240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS220 TI1-SLTS220 Datasheet
227Kb / 11P
[Old version datasheet]   8-A Rated Output Current
SLTS224B TI1-SLTS224B Datasheet
425Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated
More results

Similar Description - SLTS240

ManufacturerPart #DatasheetDescription
logo
Seme LAB
MD6003 SEME-LAB-MD6003 Datasheet
22Kb / 2P
   COMPLEMENTARY DUAL
logo
Texas Instruments
PTB48510 TI1-PTB48510_14 Datasheet
558Kb / 18P
[Old version datasheet]   DUAL COMPLEMENTARY-OUTPUT DC/DC CONVERTER FOR DSL
PTB48510 TI-PTB48510 Datasheet
362Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
PTB48580A TI1-PTB48580A Datasheet
607Kb / 13P
[Old version datasheet]   Dual Complementary-Output DC/DC Converter for DSL
SN54265 TI1-SN54265_10 Datasheet
708Kb / 10P
[Old version datasheet]   QUADRUPLE COMPLEMENTARY-OUTPUT ELEMENTS
logo
ON Semiconductor
NSM21356DW6T1G ONSEMI-NSM21356DW6T1G Datasheet
77Kb / 4P
   Dual Complementary Transistors
March, 2008 - Rev. 0
logo
Central Semiconductor C...
PB-CMLDM3737_1509 CENTRAL-PB-CMLDM3737_1509 Datasheet
1Mb / 2P
   Dual, Complementary MOSFETs
logo
Texas Instruments
SN54265 TI-SN54265 Datasheet
252Kb / 7P
[Old version datasheet]   QUADRUPLE COMPLEMENTARY-OUTPUT ELEMENTS
logo
Central Semiconductor C...
CMLT4413 CENTRAL-CMLT4413_15 Datasheet
512Kb / 3P
   DUAL, COMPLEMENTARY TRANSISTOR
logo
Texas Instruments
PTB48580AAH TI1-PTB48580AAH_14 Datasheet
606Kb / 14P
[Old version datasheet]   Dual Complementary Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com