Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2903AS-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # LM2903AS-13
Description  DUAL AND QUAD DIFFERENTIAL COMPARATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2903AS-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  LM2903AS-13 Datasheet HTML 1Page - Diodes Incorporated LM2903AS-13 Datasheet HTML 2Page - Diodes Incorporated LM2903AS-13 Datasheet HTML 3Page - Diodes Incorporated LM2903AS-13 Datasheet HTML 4Page - Diodes Incorporated LM2903AS-13 Datasheet HTML 5Page - Diodes Incorporated LM2903AS-13 Datasheet HTML 6Page - Diodes Incorporated LM2903AS-13 Datasheet HTML 7Page - Diodes Incorporated LM2903AS-13 Datasheet HTML 8Page - Diodes Incorporated LM2903AS-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LM2901/ LM2901A/ LM2903/ LM2903A
Document number: DS36779 Rev. 3 - 2
4 of 18
www.diodes.com
May 2016
© Diodes Incorporated
LM2901/ LM2901A/ LM2903/ LM2903A
Electrical Characteristics (Notes 8 & 9) (@VCC = 5.0V, GND = 0V, TA = +25°C, unless otherwise specified.)
LM2901, LM2901A
Parameter
Conditions
TA
Min
Typ
Max
Unit
VIO
Input Offset Voltage
VIC = VCMR Min,
VO = 1.4V,
VCC = 5V to 30V
(Note 10)
Non-A Device
TA = +25°C
2
7
mV
Full Range
15
A-Suffix Device
TA = +25°C
1
2
Full Range
4
IB
Input Bias Current
IIN+ or IIN− with OUT in Linear Range,
VCM = 0V (Note 11)
TA = +25°C
25
250
nA
Full Range
500
IIO
Input Offset Current
IIN+ - IIN−, VCM = 0V
TA = +25°C
5
50
nA
Full Range
200
VCMR
Input Common-Mode
Voltage Range
VCC = 30V (Note 12)
TA = +25°C
0 to
VCC -1.5
V
Full Range
0 to
VCC-2
ICC
Supply Current
(Four Comparators)
RL = ∞ on
Quad Channels
VCC = 30V
TA = +25°C
1.2
2.5
mA
Full Range
3.5
VCC = 5V
TA = +25°C
0.9
2
Full Range
3.0
AV
Voltage Gain
VCC = 15V, VOUT = 1V to 11V,
RL ≥ 15kΩ,
TA = +25°C
50
200
V/mV
Large Signal Response time
VIN = TTL Logic Swing, VREF = 1.4V,
VRL = 5V, RL = 5.1kΩ
TA = +25°C
300
ns
Response Time
VRL = 5V, RL = 5.1kΩ (Note 13)
TA = +25°C
1.3
µs
IO(SINK)
Output Sink Current
VIN− = 1V, VIN+ = 0, VO ≤ 1.5V
TA = +25°C
6
16
mA
VSAT
Saturation Voltage
VIN− = 1V, VIN+ = 0, ISINK ≤ 4mA
TA = +25°C
100
400
mV
Full Range
700
IO(LEAK)
Output Leakage Current
VIN− = 0V, VIN+ = 1, VO = 5V
TA = +25°C
0.1
nA
VIN− = 0V, VIN+ = 1, VO = 30V
Full Range
1
µA
VID
Differential Input Voltage
All VIN ≥0V (or V- if used) (Note 14)
Full Range
36
V
Notes:
8. Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not guaranteed
on shipped production material.
9. All limits are guaranteed by testing or statistical analysis. Limits over the full temperature are guaranteed by design, but not tested in production.
10. VO 1.4V, RS = 0Ω with VCC from 5V to 30V;
11. The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the
output so no loading change exists on the input lines.
12. The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V (@ +25°C). The upper end of
the common-mode voltage range is VCC -1.5V (@ +25°C), but either or both inputs can go to +36V without damage, independent of the magnitude of VCC.
13. The response time specified is for a 100mV step input with 5mV overdrive. For larger overdrive signals 300ns can be obtained, see typical
performance characteristics.
14. Positive excursions of input voltage may exceed the power supply level. As long as other voltages remain within the common mode range, the
comparator will provide a proper output stage. The low voltage state must not be less than -0.3V (or 0.3V below the magnitude of the negative power
supply, if used).


Similar Part No. - LM2903AS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LM2903AQ DIODES-LM2903AQ Datasheet
670Kb / 19P
   AUTOMOTIVE COMPLIANT DUAL AND QUAD DIFFERENTIAL COMPARATORS
LM2903AQM8-13 DIODES-LM2903AQM8-13 Datasheet
670Kb / 19P
   AUTOMOTIVE COMPLIANT DUAL AND QUAD DIFFERENTIAL COMPARATORS
LM2903AQS-13 DIODES-LM2903AQS-13 Datasheet
670Kb / 19P
   AUTOMOTIVE COMPLIANT DUAL AND QUAD DIFFERENTIAL COMPARATORS
LM2903AQTH-13 DIODES-LM2903AQTH-13 Datasheet
670Kb / 19P
   AUTOMOTIVE COMPLIANT DUAL AND QUAD DIFFERENTIAL COMPARATORS
logo
Texas Instruments
LM2903AVQDR TI1-LM2903AVQDR Datasheet
1Mb / 40P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
More results

Similar Description - LM2903AS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LM2901Q DIODES-LM2901Q Datasheet
670Kb / 19P
   AUTOMOTIVE COMPLIANT DUAL AND QUAD DIFFERENTIAL COMPARATORS
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com