Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

516TX Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # 516TX
Description  Unmanaged Industrial Ethernet Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

516TX Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  516TX Datasheet HTML 1Page - Red Lion Controls. Inc 516TX Datasheet HTML 2Page - Red Lion Controls. Inc 516TX Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
516TX-A Specifications
www.n-tron.com
516TX-A
Specications
Switch Properties
Number of MAC Addresses:
4,000
Aging Time:
300s, Programmable (-A option)
Latency Typical:
2.1 μs
Switching Method:
Store & Forward
Case Dimensions
Height:
2.3" (5.8 cm)
Width:
7.4" (18.8 cm)
Depth:
3.5" (8.8 cm)
Weight:
1.9 lbs (0.9 kg)
Din-Rail:
35 mm
Electrical
Redundant Input Voltage:
10-30 VDC
Input Current:
400 mA @ 24 VDC
Inrush:
7.0 amp/0.8ms @ 24 VDC
N-Tron Power Supply:
NTPS-24-1.3 (1.3A @ 24 VDC)
Environmental
Operating Temperature:
-40oC to 85oC
Storage Temperature:
-40oC to 85oC
Operating Humidity:
10% to 95% (Non Condensing)
Operating Altitude:
0 to 10,000 ft.
Shock and Vibration (bulkhead mounted)
Shock:
200 g @ 10 ms
Vibration/Seismic:
50 g, 5-200 Hz, Triaxial
Reliability
MTBF:
>2 Million Hours
Serial Conguration Port
Com Parameters:
9600,n,8,1
Network Media
10BaseT:
≥Cat3 Cable
100BaseTX:
≥Cat5 Cable
Connectors
10/100BaseTX:
Sixteen (16) RJ-45 Copper Ports
Recommended Wiring Clearance
Front:
2" (5.1 cm)
Side:
1" (2.6 cm)
Regulatory Approvals
FCC/CE (CFR 47, Part 15, Subpart B, Class A); ICES-003
EMC Dir 89/336/EEC, EN 50204, EN 55011
EN61000-4-2, 3, 4, 5, 6, 8,11, EN61000-6-2, 4
ANSI C63.4
UL /cUL: Class I, Div 2, Groups A, B, C, D and T4
UL 508 and UL 1604
CAN/CSA-C22.2 No.213, ATEX II 3 G Ex nA
IEEE 1613 for Electric Utility Substations
ABS Type Approval for Shipboard Applications
GOST-R Certied, RoHS Compliant
Designed to comply with:
NEMA TS1/TS2 for Trafc Control


Similar Part No. - 516TX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
516 ETC2-516 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
Aries Electronics, Inc.
516 ARIES-516 Datasheet
493Kb / 1P
   Contacts are normally open and are closed by a unique cam action controlled by dual lever arms.
logo
3M Electronics
516 3M-516 Datasheet
30Kb / 2P
   Repulpable Barricade Tapes 500 Series
logo
EDAC, All Rights Reserv...
516-020-000-100 EDAC-516-020-000-100 Datasheet
364Kb / 3P
   516 Series Rack and Panel Connectors | Available in 20, 38, 56, 90, and 120 positions
516-020-000-100 EDAC-516-020-000-100 Datasheet
174Kb / 4P
   516 Series,Rack and Panel Connectors | Available in 20, 38, 56, 90, and 120 positions
More results

Similar Description - 516TX

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
304TX REDLION-304TX Datasheet
764Kb / 3P
   Unmanaged Industrial Ethernet Switch
112FX4 REDLION-112FX4 Datasheet
708Kb / 3P
   Unmanaged Industrial Ethernet Switch
524TX REDLION-524TX Datasheet
498Kb / 3P
   Unmanaged Industrial Ethernet Switch
110FX2 REDLION-110FX2 Datasheet
866Kb / 3P
   Unmanaged Industrial Ethernet Switch
105TX-SL REDLION-105TX-SL Datasheet
636Kb / 3P
   Unmanaged Industrial Ethernet Switch
509FX REDLION-509FX Datasheet
447Kb / 3P
   Unmanaged Industrial Ethernet Switch
309FX REDLION-309FX Datasheet
435Kb / 3P
   Unmanaged Industrial Ethernet Switch
305FX REDLION-305FX Datasheet
413Kb / 2P
   Unmanaged Industrial Ethernet Switch
517FX REDLION-517FX Datasheet
548Kb / 3P
   Unmanaged Industrial Ethernet Switch
105TX-POE REDLION-105TX-POE Datasheet
1Mb / 3P
   Unmanaged Industrial Ethernet Switch
105FX REDLION-105FX Datasheet
703Kb / 3P
   Unmanaged Industrial Ethernet Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com