Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10100CS2TR-G1 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # MBR10100CS2TR-G1
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR10100CS2TR-G1 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button MBR10100CS2TR-G1 Datasheet HTML 2Page - Diodes Incorporated MBR10100CS2TR-G1 Datasheet HTML 3Page - Diodes Incorporated MBR10100CS2TR-G1 Datasheet HTML 4Page - Diodes Incorporated MBR10100CS2TR-G1 Datasheet HTML 5Page - Diodes Incorporated MBR10100CS2TR-G1 Datasheet HTML 6Page - Diodes Incorporated MBR10100CS2TR-G1 Datasheet HTML 7Page - Diodes Incorporated MBR10100CS2TR-G1 Datasheet HTML 8Page - Diodes Incorporated MBR10100CS2TR-G1 Datasheet HTML 9Page - Diodes Incorporated MBR10100CS2TR-G1 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MBR10100C
Document number: DS36953 Rev. 4 - 2
6 of 13
www.diodes.com
July 2015
© Diodes Incorporated
MBR10100C
Electrical Characteristics
Characteristic
Symbol
Rating
Unit
Test Condition
Maximum Instantaneous Forward Voltage Drop
(Note 7)
VF
0.85
V
IF = 5A, TC = +25C
0.75
IF = 5A, TC = +125C
Maximum Instantaneous Reverse Current (Note 7)
IR
6.0
mA
Rated DC Voltage, TC = +125C
0.1
Rated DC Voltage, TC = +25C
Note 7:
Short duration pulse test used to minimize self-heating effect, Pulse Test Width = 300µs, Duty Cycle < 2.0%.
Figure 1. Typical Forward Voltage Per Diode
Figure 2. Typical Reverse Current Per Diode
Figure 3. Average Rectified Forward Current vs.
Case Temperature (Per Diode)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.01
0.1
1
10
100
T
J
=150
oC
T
J
=125
oC
Instantaneous Forward Voltage (V)
T
J
=25
oC
0
20
40
60
80
100
1E-3
0.01
0.1
1
10
100
1000
10000
T
J
=150
oC
T
J
=125
oC
Percent of Rated Peak Reverse Voltage (%)
T
J
=25
oC
0
1
2
3
4
5
6
7
8
9
10
100
105
110
115
120
125
130
135
140
145
150
155
Note 6
T
C
, Case Temperature (
oC)


Similar Part No. - MBR10100CS2TR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR10100CS2TR-G1 DIODES-MBR10100CS2TR-G1 Datasheet
517Kb / 13P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Similar Description - MBR10100CS2TR-G1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com