Electronic Components Datasheet Search |
|
MBR10200CS2TR-E1 Datasheet(PDF) 1 Page - Diodes Incorporated |
|
MBR10200CS2TR-E1 Datasheet(HTML) 1 Page - Diodes Incorporated |
1 / 12 page MBR10200C Document number: DS36952 Rev. 4 - 2 1 of 12 www.diodes.com July 2015 © Diodes Incorporated MBR10200C HIGH VOLTAGE POWER SCHOTTKY RECTIFIER Product Summary VRRM (V) IO (A) VF (MAX) (V) @ +25°C IR (MAX) (mA) @ +25°C 200 2x5 0.95 0.15 Description High voltage dual Schottky rectifier suited for switch mode power supplies and other power converters. This device is intended for use in medium voltage operation, and particularly, in high frequency circuits where low switching losses and low noise are required. MBR10200C is available in TO-220-3 (2), TO-220F-3 (Option 1), TO- 263-2 and TO-252-2 (1) packages. Applications Power Supply Output Rectification Power Management Instrumentation Features Low Forward Voltage: 0.95V @ +25 C High Surge Capacity +150 C Operating Junction Temperature 10A Total (5A Per Diode Leg) Guard-Ring for Stress Protection Pb-free Package TO-220-3 (2) ,TO-220F-3 (Option 1), TO-252-2 (1) and TO-263-2 Lead-Free Finish; RoHS Compliant (Notes 1 & 2) Available in “Green” Packages: TO-220-3 (2) and TO-220F-3 (Option 1), TO-252-2 (1) and TO-263-2 Lead-Free Finish; RoHS Compliant (Notes 1 & 2) Halogen and Antimony Free. “Green” Device (Note 3) Mechanical Data Case: TO-220-3 (2), TO-220F-3 (Option 1), TO-252-2 (1) and TO- 263-2 Case Material: Molded Plastic, “Green” Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020 Terminals: Finish - Matte Tin Annealed over Copper Leadframe. Solderable per MIL-STD-202, Method 208 Polarity: See Below Weight: TO-220-3 (2) – 1.95 grams (Approximate) TO-220F-3 (Option 1) – 1.69 grams (Approximate) TO-263-2 – 1.9 grams (Approximate) TO-252-2 (1) – 0.31 grams (Approximate) TO-220F-3 (Option 1) TO-220-3 (2) TO-263-2 TO-252-2 (1) Notes: 1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied. 2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free. 3. Halogen- and Antimony- free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony compounds. |
Similar Part No. - MBR10200CS2TR-E1 |
|
Similar Description - MBR10200CS2TR-E1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |