Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30100C Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MBR30100C
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR30100C Datasheet(HTML) 3 Page - Diodes Incorporated

  MBR30100C Datasheet HTML 1Page - Diodes Incorporated MBR30100C Datasheet HTML 2Page - Diodes Incorporated MBR30100C Datasheet HTML 3Page - Diodes Incorporated MBR30100C Datasheet HTML 4Page - Diodes Incorporated MBR30100C Datasheet HTML 5Page - Diodes Incorporated MBR30100C Datasheet HTML 6Page - Diodes Incorporated MBR30100C Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MBR30100C
Document number: DS36946 Rev. 3 - 2
3 of 7
www.diodes.com
June 2014
© Diodes Incorporated
MBR30100C
BR30100C
Marking Information (Cont.)
(2)
TO-220F-3 (Option 1)
(Front View)
Maximum Ratings (Per Diode Leg) (Note 7)
Notes: 7.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
8. The heat generated must be less than the thermal conductivity from
Junction−to−Ambient: dPD/dTJ < 1/θJA.
Characteristic
Symbol
Rating
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Forward Current
(Rated VR) TC = +107C
IF(AV)
15
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20kHz) TC = +98C
IFRM
30
A
Non Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Half Wave, Single Phase, 60Hz)
IFSM
200
A
Operating Junction Temperature Range (Note 8)
TJ
+150
C
Storage Temperature Range
TSTG
-55 to +150
C
Voltage Rate of Change (Rated VR)
dv/dt
10000
V/
μs
ESD (Machine Model = C)
> 400
V
ESD (Human Body Model = 3B)
> 8000
V
XXXXXXXX
XXX-XX
YWWAXX
First and Second Lines: Logo and Marking ID
(See Ordering Information)
Third Line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: 7th and 8th Digits of Batch Number


Similar Part No. - MBR30100C

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
MBR30100C BCDSEMI-MBR30100C Datasheet
506Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30100C BCDSEMI-MBR30100C Datasheet
424Kb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Unisonic Technologies
MBR30100C UTC-MBR30100C Datasheet
146Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
MBR30100C RECTRON-MBR30100C Datasheet
362Kb / 5P
   SCHOTTKY BARRIER RECTIFIER
logo
SHIKUES Electronics
MBR30100C-ST SKTECHNOLGY-MBR30100C-ST Datasheet
482Kb / 3P
   Trench MOS schottky technology, Low stored charge Majority Carrier Conduction
More results

Similar Description - MBR30100C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com